Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25574 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25574
Szczegółowy opis  SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM25574 Datasheet HTML 3Page - Texas Instruments LM25574 Datasheet HTML 4Page - Texas Instruments LM25574 Datasheet HTML 5Page - Texas Instruments LM25574 Datasheet HTML 6Page - Texas Instruments LM25574 Datasheet HTML 7Page - Texas Instruments LM25574 Datasheet HTML 8Page - Texas Instruments LM25574 Datasheet HTML 9Page - Texas Instruments LM25574 Datasheet HTML 10Page - Texas Instruments LM25574 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0
2
4
6
8
10
0
2
4
6
8
10
VIN (V)
Ramp Up
Ramp Down
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-30
-20
-10
0
10
20
30
40
50
-135
-90
-45
0
45
90
135
180
225
GAIN
PHASE
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
0.90
0.95
1.00
1.05
1.10
0
4
16
20
24
ICC (mA)
0
2
4
6
8
8
12
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
0.990
0.995
1.000
1.005
1.010
RT (k:)
1
10
100
1000
10
100
1000
LM25574
www.ti.com
SNVS483F – JANUARY 2007 – REVISED FEBRUARY 2009
Typical Performance Characteristics
Oscillator Frequency
Oscillator Frequency
vs
vs
Temperature
RT
FOSC = 200kHz
VCC
Soft Start Current
vs
vs
ICC
Temperature
VIN = 12V
VCC
vs
VIN
Error Amplifier Gain/Phase
RL = 7kΩ
AVCL = 101
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25574


Podobny numer części - LM25574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25574 NSC-LM25574 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI-LM25574 Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI-LM25574 Datasheet
886Kb / 29P
[Old version datasheet]   LM25574/LM25574-Q1 SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

Podobny opis - LM25574

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com