Zakładka z wyszukiwarką danych komponentów |
|
Z00007G Arkusz danych(PDF) 2 Page - Solid States Devices, Inc |
|
Z00007G Arkusz danych(HTML) 2 Page - Solid States Devices, Inc |
2 / 2 page NOTES: 1) All zener voltages are measured with an automated test set using a 35 msec test time. Longer or shorter test time will have a corresponding effect on the measured value due to heating effects. 2) Zener impedance is derived from the AC voltage divided by the AC current with RMS value of 10% of DC zener test current superimposed on the test current. 3) Ratings based on maximum zener voltage of individual units (leaded units). 4) Figures shown are for a peak sinusoidal surge current of 8.3 msec duration, non-repetitive. The 8.3 msec square pulse rating is 71% of the value shown. 5) SSDI standard marking consists of a contrasting color cathode dot or band. Part number information is included on packaging labels. 6) Suffix “SM” for surface mount Round Tab. “SMS” for Square Tab. 7) Screening based on MIL-PRF-19500. Screening flows available on request. 8) For optional high reliability screening or higher nominal zener voltages, consult SSDI MARKETING Department. Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com SZ5706 thru SZ5890 And SZ5110 thru SZ5227 Electrical Characteristics (Table II) ELECTRICAL SPECIFICATIONS @ 25°C MAXIMUM RATINGS PART NUMBER (note 6) Nominal Zener Voltage (note 1) Zener Test Current Maximum Zener Impedance (note 2) Maximum Reverse Leakage Current Typical Temperature Coefficient Maximum Continuous (note 3) Maximum Surge Current (note 4) VOLTAGE TOLERANCE VZ @ IZT IZT ZZ @ IZT IR @ VR VR TC @ IZT IZM IZSM 10% 5% VOLT mA Ohms µA 10%(A) 5%(B) %/°C mA Amps SZ5806 SZ5807 SZ5808 SZ5809 SZ5810 SZ5706 SZ5707 SZ5708 SZ5709 SZ5710 6.8 7.5 8.2 9.1 10 175 175 150 150 125 1.0 1.5 1.5 2.0 2.0 500 400 200 100 75 4.9 5.4 5.9 6.6 7.2 5.2 5.7 6.2 6.9 7.6 .05 .06 .06 .06 .07 675 620 570 510 470 40 32 24 22 20 SZ5812 SZ5813 SZ5814 SZ5815 SZ5816 SZ5712 SZ5713 SZ5714 SZ5715 SZ5716 12 13 14 15 16 100 100 100 75 75 2.5 3.0 3.0 3.5 3.5 50 25 20 15 10 8.6 9.3 10.1 10.8 11.5 9.1 9.9 10.6 11.4 12.2 .07 .08 .08 .08 .08 385 350 320 300 275 18 16 14 12 10 SZ5818 SZ5820 SZ5822 SZ5824 SZ5827 SZ5718 SZ5720 SZ5722 SZ5724 SZ5727 18 20 22 24 27 65 65 50 50 50 4.0 4.5 5.0 5.0 6.0 10 10 10 10 10 12.9 14.4 15.8 17.3 19.4 13.7 15.2 16.7 18.2 20.6 .085 .085 .085 .09 .09 255 220 195 180 155 9.0 8.0 7.0 6.5 6.0 SZ5830 SZ5833 SZ5836 SZ5840 SZ5845 SZ5730 SZ5733 SZ5736 SZ5740 SZ5745 30 33 36 40 45 40 40 30 30 30 8.0 10 11 14 20 10 5 5 5 5 21.6 23.7 25.9 28.8 32.4 22.8 25.1 27.4 30.4 34.2 .09 .09 .095 .095 .095 140 130 120 105 95 5.5 5.0 4.5 4.0 3.5 SZ5850 SZ5856 SZ5860 SZ5870 SZ5875 SZ5750 SZ5756 SZ5760 SZ5770 SZ5775 50 56 60 70 75 25 20 20 20 15 25 35 40 50 55 5 5 5 5 5 36.0 40.3 43.2 50.5 54.0 38.0 42.6 45.7 53.3 56.0 .095 .095 .100 .100 .100 85 80 75 65 60 3.0 2.8 2.5 2.3 2.0 SZ5880 SZ5890 SZ5210 SZ5211 SZ5212 SZ5780 SZ5790 SZ5110 SZ5111 SZ5112 80 90 100 110 120 15 15 10 10 10 80 90 100 125 170 5 5 5 5 5 57.7 64.8 72.0 79.2 86.4 60.8 68.5 76.0 83.6 91.2 .100 .100 .100 .100 .100 55 50 45 40 38 1.8 1.6 1.4 1.2 1.0 SZ5213 SZ5214 SZ5215 SZ5216 SZ5217 SZ5113 SZ5114 SZ5115 SZ5116 SZ5117 130 140 150 160 170 10 8 8 8 8 190 230 330 350 380 5 5 5 5 5 93.6 101.0 108.0 115.0 122.0 98.8 106.0 114.0 122.0 129.0 .105 .105 .105 .105 .105 35 33 31 30 27 0.80 0.80 0.75 0.70 0.65 SZ5218 SZ5219 SZ5220 SZ5222 SZ5224 SZ5118 SZ5119 SZ5120 SZ5122 SZ5124 180 190 200 220 240 5 5 5 5 5 450 470 500 550 650 5 5 5 5 5 129 137 144 158 173 137 144 152 167 182 .110 .110 .110 .115 .115 25 24 22 20 18 0.60 0.55 0.50 0.45 0.40 SZ5226 SZ5227 SZ5126 SZ5127 260 270 5 4 750 850 5 5 187 202 198 213 .120 .120 17 16 0.35 0.30 NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: Z00007G DOC |
Podobny numer części - Z00007G |
|
Podobny opis - Z00007G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |