Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3151 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM3151
Szczegółowy opis  SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3151 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM3151_14 Datasheet HTML 6Page - Texas Instruments LM3151_14 Datasheet HTML 7Page - Texas Instruments LM3151_14 Datasheet HTML 8Page - Texas Instruments LM3151_14 Datasheet HTML 9Page - Texas Instruments LM3151_14 Datasheet HTML 10Page - Texas Instruments LM3151_14 Datasheet HTML 11Page - Texas Instruments LM3151_14 Datasheet HTML 12Page - Texas Instruments LM3151_14 Datasheet HTML 13Page - Texas Instruments LM3151_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ICL
IPK
'I
IOCL
IOUT
Load Current
Increases
Normal Operation
Current Limited
'I =
(VIN - VOUT) x tON
L
Ivalley = IOUT - '
IL
2
VCL (Tj) = VCL x [1 + 3.3 x 10
-3
x (Tj - 27)]
ICL (Tj) =
VCL (Tj)
RDS(ON)max
LM3151, LM3152, LM3153
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
www.ti.com
Current Limit
Current limit detection occurs during the off-time by monitoring the current through the low-side switch. If during
the off-time the current in the low-side switch exceeds the user defined current limit value, the next on-time cycle
is immediately terminated. Current sensing is achieved by comparing the voltage across the low-side switch
against an internal reference value, VCL, of 200 mV. If the voltage across the low-side switch exceeds 200 mV,
the current limit comparator will trigger logic to terminate the next on-time cycle. The current limit ICL, can be
determined as follows:
where
IOCL is the user-defined average output current limit value
RDS(ON)max is the resistance value of the low-side FET at the expected maximum FET junction temperature
VCL is the internal current limit reference voltage
Tj is the junction temperature of the LM3151/2/3
Figure 12 illustrates the inductor current waveform. During normal operation, the output current ripple is dictated
by the switching of the FETs. The current through the low-side switch, Ivalley, is sampled at the end of each
switching cycle and compared to the current limit threshold voltage, VCL. The valley current can be calculated as
follows:
where
IOUT is the average output current
ΔIL is the peak-to-peak inductor ripple current
If an overload condition occurs, the current through the low-side switch will increase which will cause the current
limit comparator to trigger the logic to skip the next on-time cycle. The IC will then try to recover by checking the
valley current during each off-time. If the valley current is greater than or equal to ICL, then the IC will keep the
low-side FET on and allow the inductor current to further decay.
Throughout the whole process, regardless of the load current, the on-time of the controller will stay constant and
thereby the positive ripple current slope will remain constant. During each on-time the current ramps up an
amount equal to:
The valley current limit feature prevents current runaway conditions due to propagation delays or inductor
saturation since the inductor current is forced to decay following any overload conditions.
Figure 12. Inductor Current - Current Limit Operation
10
Submit Documentation Feedback
Copyright © 2008–2011, Texas Instruments Incorporated
Product Folder Links: LM3151 LM3152 LM3153


Podobny numer części - LM3151_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3151 TI-LM3151_15 Datasheet
1,022Kb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results

Podobny opis - LM3151_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI-LM3151_15 Datasheet
1,022Kb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com