Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ13610 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części LMZ13610
Szczegółowy opis  10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ13610 Arkusz danych(HTML) 5 Page - Texas Instruments

  LMZ13610_14 Datasheet HTML 1Page - Texas Instruments LMZ13610_14 Datasheet HTML 2Page - Texas Instruments LMZ13610_14 Datasheet HTML 3Page - Texas Instruments LMZ13610_14 Datasheet HTML 4Page - Texas Instruments LMZ13610_14 Datasheet HTML 5Page - Texas Instruments LMZ13610_14 Datasheet HTML 6Page - Texas Instruments LMZ13610_14 Datasheet HTML 7Page - Texas Instruments LMZ13610_14 Datasheet HTML 8Page - Texas Instruments LMZ13610_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LMZ13610
www.ti.com
SNVS709C – MARCH 2011 – REVISED MAY 2011
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are guaranteed through test, design or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise
stated the following conditions apply: VIN = 12V, VOUT = 3.3V
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
SYSTEM PARAMETERS
Enable Control
VEN
EN threshold
VEN rising
1.096
1.274
1.452
V
IEN-HYS
EN hysteresis source current
VEN > 1.274V
13
µA
Soft-Start
ISS
SS source current
VSS = 0V
40
50
60
µA
tSS
Internal soft-start interval
1.6
msec
Current Limit
ICL
Current limit threshold
d.c. average
12.5
A
Internal Switching Oscillator
fosc
Free-running oscillator frequency
314
359
404
kHz
Regulation and Over-Voltage Comparator
VFB
In-regulation feedback voltage
VSS >+ 0.8V
0.775
0.795
0.815
V
IO = 10A
VFB-OV
Feedback over-voltage protection
0.86
V
threshold
IFB
Feedback input bias current
5
nA
IQ
Non Switching Quiescent Current
3
mA
ISD
Shut Down Quiescent Current
VEN = 0V
32
μA
Dmax
Maximum Duty Factor
85
%
Thermal Characteristics
TSD
Thermal Shutdown
Rising
165
°C
TSD-HYST
Thermal shutdown hysteresis
Falling
15
°C
θJA
Junction to Ambient (3)
Natural Convection
9.9
°C/W
225 LFPM
6.8
500 LFPM
5.2
θJC
Junction to Case
1.0
°C/W
PERFORMANCE PARAMETERS(4)
ΔVO
Output voltage ripple
BW@ 20 MHz
24
mV PP
ΔVO/ΔVIN
Line regulation
VIN = 12V to 20V, IOUT= 10A
±0.2
%
ΔVO/ΔIOUT
Load regulation
VIN = 12V, IOUT= 0.001A to 10A
1
mV/A
η
Peak efficiency
VIN = 12V VOUT = 3.3V IOUT = 5A
89.5
%
η
Full load efficiency
VIN = 12V VOUT = 3.3V IOUT = 10A
87.5
%
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Theta JA measured on a 3.0” x 3.5” four layer board, with two ounce copper on outer layers and one ounce copper on inner layers, two
hundred and ten 12 mil thermal vias, and 2W power dissipation. Refer to evaluation board application note layout diagrams.
(4)
Refer to BOM in Table 1.
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMZ13610


Podobny numer części - LMZ13610_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ13610 TI1-LMZ13610_15 Datasheet
1Mb / 35P
[Old version datasheet]   10A SIMPLE SWITCHER Power Module
More results

Podobny opis - LMZ13610_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ13608 TI1-LMZ13608 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ13610 TI1-LMZ13610 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23610 TI1-LMZ23610_14 Datasheet
1Mb / 32P
[Old version datasheet]   10A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ13608 TI1-LMZ13608_14 Datasheet
1Mb / 30P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605_14 Datasheet
1Mb / 25P
[Old version datasheet]   5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
[Old version datasheet]   LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ12010TZ TI-LMZ12010TZ Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ23608 TI1-LMZ23608 Datasheet
1Mb / 26P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23608 TI1-LMZ23608_14 Datasheet
1Mb / 29P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage and Current Sharing
LMZ23610TZE TI-LMZ23610TZE Datasheet
1Mb / 31P
[Old version datasheet]   LMZ23610 10A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage and
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com