Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V-162-2C25 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części V-162-2C25
Szczegółowy opis  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

V-162-2C25 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  V-162-2C25 Datasheet HTML 1Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 2Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 3Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 4Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 5Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 6Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 7Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 8Page - List of Unclassifed Manufacturers V-162-2C25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
V
Miniature Basic Switch
V
Short hinge roller
lever
Solder terminals
(A)
SPDT
4.71N
---
V-165-1A6
SPST-NC
---
V-165-2A6
SPST-NO
---
V-165-3A6
SPDT
2.35N
---
V-165-1A5
SPST-NC
---
V-165-2A5
SPST-NO
---
V-165-3A5
SPDT
1.18N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
4.71N
---
V-165-1C26
SPST-NC
---
V-165-2C26
SPST-NO
---
V-165-3C26
SPDT
2.35N
---
V-165-1C25
SPST-NC
---
V-165-2C25
SPST-NO
---
V-165-3C25
SPDT
1.18N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#250)
(C)
SPDT
4.71N
V-215-1C6
V-165-1C6
SPST-NC
V-215-2C6
V-165-2C6
SPST-NO
V-215-3C6
V-165-3C6
SPDT
2.35N
---
V-165-1C5
SPST-NC
---
V-165-2C5
SPST-NO
---
V-165-3C5
SPDT
1.18N
---
---
SPST-NC
---
---
SPST-NO
---
---
Hinge roller lever
Solder terminals
(A)
SPDT
2.45N
---
V-166-1A6
SPST-NC
---
V-166-2A6
SPST-NO
---
V-166-3A6
SPDT
1.23N
---
V-166-1A5
SPST-NC
---
V-166-2A5
SPST-NO
---
V-166-3A5
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#187)
(C2)
SPDT
2.45N
---
V-166-1C26
SPST-NC
---
V-166-2C26
SPST-NO
---
V-166-3C26
SPDT
1.23N
---
V-166-1C25
SPST-NC
---
V-166-2C25
SPST-NO
---
V-166-3C25
SPDT
0.59N
---
---
SPST-NC
---
---
SPST-NO
---
---
Quick-connect
terminals (#250)
(C)
SPDT
2.45N
V-216-1C6
V-166-1C6
SPST-NC
V-216-2C6
V-166-2C6
SPST-NO
V-216-3C6
V-166-3C6
SPDT
1.23N
---
V-166-1C5
SPST-NC
---
V-166-2C5
SPST-NO
---
V-166-3C5
SPDT
0.59N
---
SPST-NC
---
SPST-NO
---
Ratings
21A
16A
Actuator
Terminals
Contact form
Maximum operating force (OF)
Refer to "Micro Switch Common Accessories" for Separators (sold separately), Actuators (sold separately) and Terminal
Connectors (sold separately).


Podobny numer części - V-162-2C25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-162-2C25 OMRON-V-162-2C25 Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-162-2C25 OMRON-V-162-2C25 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
More results

Podobny opis - V-162-2C25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com