Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20323 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części LM20323
Szczegółowy opis  36V, 3A 500 kHz Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM20323 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM20323_14 Datasheet HTML 2Page - Texas Instruments LM20323_14 Datasheet HTML 3Page - Texas Instruments LM20323_14 Datasheet HTML 4Page - Texas Instruments LM20323_14 Datasheet HTML 5Page - Texas Instruments LM20323_14 Datasheet HTML 6Page - Texas Instruments LM20323_14 Datasheet HTML 7Page - Texas Instruments LM20323_14 Datasheet HTML 8Page - Texas Instruments LM20323_14 Datasheet HTML 9Page - Texas Instruments LM20323_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM20323
SNVS557B – MAY 2008 – REVISED JANUARY 2009
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VVIN = 12V, VOUT = 3.3V, L= 5.6 µH, CSS = 100nF, TA = 25°C for efficiency curves, loop gain plots
and waveforms, and TJ = 25°C for all others.
Efficiency
vs.
Load Current
Error Amplifier Gain
Error Amplifier Phase
Line Regulation
VCC
vs.
Load Regulation
VIN
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM20323


Podobny numer części - LM20323_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMH NSC-LM20323AMH Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHE NSC-LM20323AMHE Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHX NSC-LM20323AMHX Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323MH NSC-LM20323MH Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
More results

Podobny opis - LM20323_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
   500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com