Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20323 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM20323
Szczegółowy opis  36V, 3A 500 kHz Synchronous Buck Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM20323 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM20323_14 Datasheet HTML 3Page - Texas Instruments LM20323_14 Datasheet HTML 4Page - Texas Instruments LM20323_14 Datasheet HTML 5Page - Texas Instruments LM20323_14 Datasheet HTML 6Page - Texas Instruments LM20323_14 Datasheet HTML 7Page - Texas Instruments LM20323_14 Datasheet HTML 8Page - Texas Instruments LM20323_14 Datasheet HTML 9Page - Texas Instruments LM20323_14 Datasheet HTML 10Page - Texas Instruments LM20323_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM20323
www.ti.com
SNVS557B – MAY 2008 – REVISED JANUARY 2009
Typical Performance Characteristics (continued)
Unless otherwise specified: VVIN = 12V, VOUT = 3.3V, L= 5.6 µH, CSS = 100nF, TA = 25°C for efficiency curves, loop gain plots
and waveforms, and TJ = 25°C for all others.
Non-Switching IQ
Shutdown IQ
vs.
vs.
VIN
VIN
PGOOD Output Low Level Voltage
Enable Threshold and Hysteresis
vs.
vs.
IPGOOD
Temperature
UVLO Threshold and Hysteresis
Enable Current
vs.
vs.
Temperature
Temperature
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM20323


Podobny numer części - LM20323_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMH NSC-LM20323AMH Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHE NSC-LM20323AMHE Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323AMHX NSC-LM20323AMHX Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323MH NSC-LM20323MH Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
More results

Podobny opis - LM20323_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
LM20323 NSC-LM20323 Datasheet
487Kb / 20P
   36V, 3A PowerWise짰 500 kHz Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI-LM20343_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20343 36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM2853 TI-LM2853_15 Datasheet
1Mb / 18P
[Old version datasheet]   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Diodes Incorporated
AP6507 DIODES-AP6507 Datasheet
448Kb / 13P
   500 kHz 18V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
logo
National Semiconductor ...
LM2853 NSC-LM2853 Datasheet
738Kb / 12P
   3A 550 kHz Synchronous SIMPLE SWITCHER Buck Regulator
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com