Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25010 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25010
Szczegółowy opis  42V, 1.0A Step-Down Switching Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25010 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM25010 Datasheet HTML 1Page - Texas Instruments LM25010 Datasheet HTML 2Page - Texas Instruments LM25010 Datasheet HTML 3Page - Texas Instruments LM25010 Datasheet HTML 4Page - Texas Instruments LM25010 Datasheet HTML 5Page - Texas Instruments LM25010 Datasheet HTML 6Page - Texas Instruments LM25010 Datasheet HTML 7Page - Texas Instruments LM25010 Datasheet HTML 8Page - Texas Instruments LM25010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LM25010
SNVS419C – DECEMBER 2005 – REVISED DECEMBER 2008
www.ti.com
Electrical Charateristics
Specifications with standard type are for TJ = 25°C only; limits in boldface type apply over the full Operating Junction
Temperature (TJ) range. Minimum and Maximum limits are guaranteed through test, design, or statistical correlation. Typical
values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless
otherwise stated the following conditions apply: VIN = 24V, RON = 200kΩ. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Regulator
VCCReg
VCC regulated output
6.6
7
7.4
Volts
VIN - VCC
ICC = 0 mA, FS ≤ 200 kHz, 6.0V ≤ VIN ≤ 8.5V
100
mV
VCC Bypass Threshold
VIN Increasing
8.9
V
VCC Bypass Hysteresis
VIN Decreasing
260
mV
VCC output impedance
VIN = 6.0V
55
(0 mA
≤ ICC ≤ 5 mA)
VIN = 8.0V
50
VIN = 24V
0.21
VCC current limit (Note 3)
VIN = 24V, VCC = 0V
15
mA
UVLOVcc
VCC under-voltage lock-out
VCC Increasing
5.25
V
threshold
UVLOVCC hysteresis
VCC Decreasing
180
mV
UVLOVCC filter delay
100 mV overdrive
3
µs
IIN operating current
Non-switching, FB = 3V
645
920
µA
IIN shutdown current
RON/SD = 0V
90
170
µA
Switch Characteristics
RDS(on)
Buck Switch RDS(on) @ fSW = 200
TJ ≤ 125°C
0.35
0.80
mA
TJ ≤ 150°C
0.85
UVLOGD
Gate Drive UVLO
VBST - VSW Increasing
1.7
3.0
4.0
V
UVLOGD hysteresis
400
mV
SOFT-START Pin
ISS
Internal current source
8.0
11.5
15
µA
Current Limit
ILIM
Threshold
Current out of ISEN
1
1.25
1.5
A
Resistance from ISEN to SGND
130
m
Response time
150
ns
On Timer, RON/SD Pin
tON - 1
On-time
VIN = 10V, RON = 200 kΩ
2.1
2.75
3.4
µs
tON - 2
On-time
VIN = 42V, RON = 200 kΩ
500
695
890
ns
Shutdown threshold
Voltage at RON/SD rising
0.30
0.7
1.05
V
Threshold hysteresis
40
mV
Off Timer
tOFF
Minimum Off-time
260
ns
Regulation and Over-Voltage Comparators (FB Pin)
VREF
FB regulation threshold
TJ ≤ 125°C
2.445
2.50
2.550
V
TJ ≤ 150°C
2.435
FB over-voltage threshold
2.9
V
FB bias current
1
nA
Thermal Shutdown
TSD
Thermal shutdown temperature
175
°C
Thermal shutdown hysteresis
20
°C
Thermal Resistance
θJA
Junction to Ambient, 0 LFPM Air
SDC Package
40
°C/W
Flow
MXA Package
40
(1)
Typical specifications represent the most likely parametric norm at 25°C operation.
4
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: LM25010


Podobny numer części - LM25010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010-Q1 TI1-LM25010-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010MH NSC-LM25010MH Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
More results

Podobny opis - LM25010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
   42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
   42V, 1.0A Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
   42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
   42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com