Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20333 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM20333
Szczegółowy opis  3A Synchronous Buck Regulator with Frequency Synchronization
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM20333 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM20333_14 Datasheet HTML 6Page - Texas Instruments LM20333_14 Datasheet HTML 7Page - Texas Instruments LM20333_14 Datasheet HTML 8Page - Texas Instruments LM20333_14 Datasheet HTML 9Page - Texas Instruments LM20333_14 Datasheet HTML 10Page - Texas Instruments LM20333_14 Datasheet HTML 11Page - Texas Instruments LM20333_14 Datasheet HTML 12Page - Texas Instruments LM20333_14 Datasheet HTML 13Page - Texas Instruments LM20333_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
5.2A
+
-
FB
COMP
CONTROL
LOGIC
EN
CURRENT LIMIT
OVERVOLTAGE
UNDERVOLTAGE
ERROR AMP
PWM COMPARATOR
SS/TRK
PGOOD
+
-
+5.5V
REGULATOR
VCC
BOOT
VCC
THERMAL
PROTECTION
GND
SW
VIN
CURRENT SENSE
VCC
1.25V
BOOT
BOOT
UVLO
4.25V
AGND
+
740 mV
880 mV
PG-L
PG-L
2.7V
gm = 515 Pmho
VREF
+
-
800 mV
+
-
+
2 PA
DISCHARGE
DISCHARGE
SLOPE COMP
4.5 PA
+
-
-2.8A
NEGATIVE
CURRENT LIMIT
+2.7V
REGULATOR
2.7V
+
-
+
-
+
-
+
-
PHASE LOCK
LOOP
SYNC
INTERNAL
+5.5V
REGULATOR
VCC_INT
VCC_INT
ENABLE_INT
ENABLE_INT
LM20333
SNVS558C – MAY 2008 – REVISED JANUARY 2009
www.ti.com
Block Diagram
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM20333


Podobny numer części - LM20333_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
More results

Podobny opis - LM20333_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
   36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20333 TI-LM20333_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM20333 36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM20333 NSC-LM20333 Datasheet
520Kb / 20P
   36V, 3A PowerWise짰 Synchronous Buck Regulator with Frequency Synchronization
logo
Texas Instruments
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
LM20143 NSC-LM20143 Datasheet
703Kb / 20P
   3A, PowerWise짰 Adjustable Frequency Synchronous Buck Regulator
logo
Texas Instruments
LM20343 TI1-LM20343_14 Datasheet
1Mb / 30P
[Old version datasheet]   36V, 3A Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20343 NSC-LM20343 Datasheet
546Kb / 20P
   36V, 3A Adjustable Frequency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com