Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM10506 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części LM10506
Szczegółowy opis  Triple Buck LDO Power Management Unit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM10506 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button LM10506_14 Datasheet HTML 5Page - Texas Instruments LM10506_14 Datasheet HTML 6Page - Texas Instruments LM10506_14 Datasheet HTML 7Page - Texas Instruments LM10506_14 Datasheet HTML 8Page - Texas Instruments LM10506_14 Datasheet HTML 9Page - Texas Instruments LM10506_14 Datasheet HTML 10Page - Texas Instruments LM10506_14 Datasheet HTML 11Page - Texas Instruments LM10506_14 Datasheet HTML 12Page - Texas Instruments LM10506_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
LM10506
www.ti.com
SNVS729F – SEPTEMBER 2011 – REVISED AUGUST 2014
7.9 LDO Electrical Characteristics
(1) (2)
Unless otherwise noted, VIN = 5 V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output voltage accurancy
IOUT = 1 mA
–3%(3)
3%(3)
VOUT = 0 V
0.3
ISC
Short-circuit current limit
VIN = 3.3 V, VOUT = 0 V
(4)
0.5
VDO
Dropout voltage
IOUT = 100 mA
60
100(3)
Line regulation
3.3 V
≤ VIN ≤ 5.5 V, IOUT = 1 mA
5
mV
ΔVOUT
Load regulation
1 mA
≤ IOUT ≤ 100 mA, VIN = 3.3 V, 5 V
5
VIN = 5 V
10
eN
Output noise voltage(4)
10 Hz
≤ ƒ ≤ 100 kHz
µVRMS
VIN = 3.3 V
35
F = 10 kHz, COUT = 4.7
VIN = 5 V
65
Power supply rejection
PSSR
µF,
dB
ratio(4)
VIN = 3.3 V
40
IOUT = 20 mA
VIN = 5 V
45
Start-up time from
COUT = 4.7 µF, IOUT =
tSTARTUP
µs
shutdown(4)
100 mA
VIN = 3.3 V
60
Start-up transient
tTRANSIENT
30(3)
mV
overshoot(4)
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Limits apply over the entire operating junction temperature range of
−40°C ≤ TA = TJ ≤ 85°C.
(4)
Specification ensured by design. Not tested during production.
7.10 Comparators Electrical Characteristics
(1) (2)
Unless otherwise noted, VIN = 5 V where: VIN = VIN_B1 = VIN_B2 = VIN_B3. Limits apply for TJ = 25°C, unless otherwise noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCOMP = 0 V
0.1
2(3)
IVCOMP
VCOMP pin bias current
µA
VCOMP = 5 V
0.1
2(3)
Comparator rising edge
VCOMP_RISE
2.826
trigger level
V
Comparator falling edge
VCOMP_FALL
2.768
trigger level
Hysteresis
30(3)
60
80(3)
mV
IRQVOH
Output voltage high
0.8*VIN_IO(3)
V
IRQVOL
Output voltage low
0.2*VIN_IO(3)
Transition time of IRQ
tCOMP
6
15(3)
µsec
output
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Limits apply over the entire operating junction temperature range of
−40°C ≤ TA = TJ ≤ 85°C.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM10506


Podobny numer części - LM10506_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

Podobny opis - LM10506_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com