Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM30TY Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części SM30TY
Szczegółowy opis  Automotive 3000 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM30TY Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button SM30TY Datasheet HTML 4Page - STMicroelectronics SM30TY Datasheet HTML 5Page - STMicroelectronics SM30TY Datasheet HTML 6Page - STMicroelectronics SM30TY Datasheet HTML 7Page - STMicroelectronics SM30TY Datasheet HTML 8Page - STMicroelectronics SM30TY Datasheet HTML 9Page - STMicroelectronics SM30TY Datasheet HTML 10Page - STMicroelectronics SM30TY Datasheet HTML 11Page - STMicroelectronics SM30TY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
SM30TY
10/12
DocID022065 Rev 3
Figure 17. SMC footprint dimensions in
mm (inches)
Figure 18. Marking layout(1)
1.
Marking layout can vary according to assembly location.
Table 4. Marking
Order code
Marking
Order code
Marking
SM30T15AY
3AAGY
SM30T15CAY
3BAGY
SM30T18AY
3AAHY
SM30T18CAY
3BAHY
SM30T19AY
3AAIY
SM30T19CAY
3BAIY
SM30T21AY
3AAJY
SM30T21CAY
3BAJY
SM30T23AY
3AAKY
SM30T23CAY
3BAKY
SM30T26AY
3AALY
SM30T26CAY
3BALY
SM30T28AY
3AAEY
SM30T28CAY
3BAEY
SM30T30AY
3AAMY
SM30T30CAY
3BAMY
SM30T33AY
3AANY
SM30T33CAY
3BANY
SM30T35AY
3AAOY
SM30T35CAY
3BAOY
SM30T39AY
3AAPY
SM30T39CAY
3BAPY
8.19
1.54
5.11
1.54
(0.061)
(0.201)
(0.322)
(0.124)
(0.061)
3.14
y w w
z
x x x
ECOPACK compliance
XXX: Marking
Z: Manufacturing location
Y: Year
WW: week
Cathode bar (unidirectional devices only )


Podobny numer części - SM30TY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM30T100AY STMICROELECTRONICS-SM30T100AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T100CAY STMICROELECTRONICS-SM30T100CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T10AY STMICROELECTRONICS-SM30T10AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T10CAY STMICROELECTRONICS-SM30T10CAY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
SM30T117AY STMICROELECTRONICS-SM30T117AY Datasheet
1Mb / 16P
   Automotive 3000 W TVS in SMC
Rev 12 - February 2023
More results

Podobny opis - SM30TY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
   Automotive 3000 W Transil?
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
   3000 W Transil?
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
   3000 W Transil
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com