Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1S32 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części ST1S32
Szczegółowy opis  4 A DC step-down switching regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S32 Arkusz danych(HTML) 1 Page - STMicroelectronics

  ST1S32 Datasheet HTML 1Page - STMicroelectronics ST1S32 Datasheet HTML 2Page - STMicroelectronics ST1S32 Datasheet HTML 3Page - STMicroelectronics ST1S32 Datasheet HTML 4Page - STMicroelectronics ST1S32 Datasheet HTML 5Page - STMicroelectronics ST1S32 Datasheet HTML 6Page - STMicroelectronics ST1S32 Datasheet HTML 7Page - STMicroelectronics ST1S32 Datasheet HTML 8Page - STMicroelectronics ST1S32 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is information on a product in full production.
May 2012
Doc ID 023246 Rev 1
1/29
29
ST1S32
4 A DC step-down switching regulator
Datasheet — production data
Features
4 A DC output current
2.8 V to 5.5 V input voltage
Output voltage adjustable from 0.8 V
1.5 MHz switching frequency
Internal soft-start and enable
Integrated 60 m
Ωand 45 mΩPower MOSFETs
All ceramic capacitor
Power Good (POR)
Cycle-by-cycle current limiting
Current foldback short-circuit protection
VFDFPN 8 4x4x1.0 package
Applications
µP/ASIC/DSP/FPGA core and I/O supplies
Point of Load for: STB, TV, DVD
Optical storage, hard disk drives, printers,
audio/graphic cards
Description
The ST1S32 is an internally compensated 1.5
MHz fixed-frequency PWM synchronous step-
down regulator. The ST1S32 operates from 2.8 V
to 5.5 V input, while it regulates an output voltage
as low as 0.8 V and up to VIN.
The ST1S32 integrates a 60 m
Ω high-side switch
and a 45 m
Ω synchronous rectifier, allowing very
high efficiency with very low output voltages.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
The ST1S32 is available in 4 mm x 4 mm, 8-lead
VFDFPN package.
Figure 1.
Application circuit
VFDFPN 8 4x4x1.0
VINSW
SW
VFB
PG
GND
EN
ST1S32
Cin_sw
Cout
L
R1
R2
VINA
Cin_a
R3
VOUT
VIN
AM12608V1
www.st.com


Podobny numer części - ST1S32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30IPUR STMICROELECTRONICS-ST1S30IPUR Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30PUR STMICROELECTRONICS-ST1S30PUR Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S31D-R STMICROELECTRONICS-ST1S31D-R Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
More results

Podobny opis - ST1S32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
ON Semiconductor
NCP3120 ONSEMI-NCP3120 Datasheet
1Mb / 39P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
January, 2008 - Rev. 0
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3122 ONSEMI-NCP3122 Datasheet
2Mb / 42P
   Dual 2.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com