Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1L05APU33R Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części ST1L05APU33R
Szczegółowy opis  Very low quiescent current BiCMOS voltage regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05APU33R Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button ST1L05APU33R Datasheet HTML 5Page - STMicroelectronics ST1L05APU33R Datasheet HTML 6Page - STMicroelectronics ST1L05APU33R Datasheet HTML 7Page - STMicroelectronics ST1L05APU33R Datasheet HTML 8Page - STMicroelectronics ST1L05APU33R Datasheet HTML 9Page - STMicroelectronics ST1L05APU33R Datasheet HTML 10Page - STMicroelectronics ST1L05APU33R Datasheet HTML 11Page - STMicroelectronics ST1L05APU33R Datasheet HTML 12Page - STMicroelectronics ST1L05APU33R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
DocID14492 Rev 3
9/30
ST1L05
Electrical characteristics
30
4
Electrical characteristics
Refer to the typical application schematic, VI = 3.3 V to 4.5 V, IO = 5 mA to 1.3 A,
CI =CO = 4.7 µF, TJ = 0 to 125 °C, unless otherwise specified. Intended typical value is
TJ = 25 °C unless otherwise specified.
Table 6. ST1L05PU25R electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 3.3 V to 5.25 V, T = 25 °C
2.45
2.5
2.55
V
VO
Output voltage
VI = 3.3 V to 5.25 V
2.4375
2.5
2.5625
V
ΔVO
Line regulation
VI = 4.75 V to 5.25 V
15
mV
ΔVO
Load regulation
VI = 4.75 V, IO = 10 mA to 1.3 A
15
30
mV
IS
Output current limit
VI = 5.5 V
1.3
A
IOMIN
Minimum output current for
regulation
0mA
Vd
Dropout voltage
IO = 0.8 A
0.2
0.4
V
IO = 1 A
0.25
0.45
V
IO = 1.3 A
0.3
0.5
V
IQ
Quiescent current
VI = 5 V, IO = 2 mA to 1.3 A,
T = 25 °C
350
500
µA
VI = 5.5 V, IO = 2 mA to 1.3 A
350
650
SVR
Supply voltage rejection(1)
VI = 5 ± 0.5 V, IO = 5 mA, f = 120 Hz
50
68
dB
eN
RMS output noise(1)
B = 10 Hz to 10 kHz, VI = 5 V,
IO =5 mA
0.003
%VO
ΔVO/ΔIO Load transient (rising)(1)(2)
VI = 5 V, any 200 mA step from
100 mA to 1.3 A, tR ≥ 1 µs
5%VO
ΔVO/ΔIO Load transient (falling)(1)(2)
VI = 5 V, IO = 1.3 A to 10 mA,
tF ≥ 1 µs
2.75
V
ΔVO/ΔVI Start-up transient(1)(2)
VI = 0 V to 5 V, IO = 10 mA to 1.3 A,
tR ≥ 1 µs
2.75
V
ΔVO/ΔIO
Short-circuit removal
response(1)(2)
VI = 5 V, IO = short to 10 mA
2.75
V
TSH
Thermal shutdown trip point(1) VI = 5 V
165
°C
1.
Guaranteed by design. Not tested in production.
2.
CI = 10 µF, CO = 10 µF, all X7R ceramic capacitors.


Podobny numer części - ST1L05APU33R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST1L02PU18R STMICROELECTRONICS-ST1L02PU18R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PU25R STMICROELECTRONICS-ST1L02PU25R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PU33R STMICROELECTRONICS-ST1L02PU33R Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02PUR STMICROELECTRONICS-ST1L02PUR Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
More results

Podobny opis - ST1L05APU33R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST1L02XX STMICROELECTRONICS-ST1L02XX Datasheet
422Kb / 19P
   Very low quiescent BiCMOS voltage regulator
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
logo
NXP Semiconductors
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com