Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

V-164-1AR5 Arkusz danych(PDF) 5 Page - Omron Electronics LLC

Numer części V-164-1AR5
Szczegółowy opis  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OMRON [Omron Electronics LLC]
Strona internetowa  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-164-1AR5 Arkusz danych(HTML) 5 Page - Omron Electronics LLC

  V-164-1AR5 Datasheet HTML 1Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 2Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 3Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 4Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 5Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 6Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 7Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 8Page - Omron Electronics LLC V-164-1AR5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Snap Action Switch
V
125
Specifications
■ Ratings (reference values)
Note: 1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal current
values of models with a contact gap of 0.5 mm (gap G).
2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-state current.
4. Motor load has an inrush current of 6 times the steady-state current.
5. The ratings values apply under the following test conditions: Ambient temperature: 20
±2°C, Ambient humidity: 65±5%, Operating frequency: 30 operations/min
■ Approved Standards
UL1054 (File No. E41515)
CSA C22.2 No.55 (File No. LR21642)
EN 61058-1 (File No. 129608, VDE approval)
Testing conditions: 5E4 (50,000 operations), T105 (0
°C to 105°C)
EN 61058-1 (File No. T9451451, TÜV Rheinland approval)
Testing conditions: 5E4 (50,000 operations), T85 (0
°C to 85°C)
Type
Rated voltage
Non-inductive load
Inductive load
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
V-21
250 VAC
21 A
3 A
12 A
4 A
8 VDC
30 VDC
125 VDC
250 VDC
21 A
14 A
0.6 A
0.3 A
5 A
5 A
0.1 A
0.05 A
12 A
12 A
0.6 A
0.3 A
7 A
5 A
0.1 A
0.05 A
V-16
250 VAC
16 A
2 A
10 A
3 A
8 VDC
30 VDC
125 VDC
250 VDC
16 A
10 A
0.6 A
0.3 A
4 A
4 A
0.1 A
0.05 A
10 A
10 A
0.6 A
0.3 A
6 A
4 A
0.1 A
0.05 A
V-15
250 VAC
15 A
2 A
10 A
3 A
8 VDC
30 VDC
125 VDC
250 VDC
15 A
10 A
0.6 A
0.3 A
4 A
4 A
0.1 A
0.05 A
10 A
10 A
0.6 A
0.3 A
6 A
4 A
0.1 A
0.05 A
V-11
250 VAC
11 A
1.5 A
6 A
2 A
8 VDC
30 VDC
125 VDC
250 VDC
11 A
6 A
0.6 A
0.3 A
3 A
3 A
0.1 A
0.05 A
6 A
6 A
0.6 A
0.3 A
3 A
3 A
0.1 A
0.05 A
V-10
250 VAC
10 A
1.5 A
6 A
2 A
8 VDC
30 VDC
125 VDC
250 VDC
10 A
6 A
0.6 A
0.3 A
3 A
3 A
0.1 A
0.05 A
6 A
6 A
0.6 A
0.3 A
3 A
3 A
0.1 A
0.05 A
Rated voltage
V-21
V-16
V-15
V-11
V-10
125 VAC
21 A, 1/2 HP
16 A, 1/2 HP
15 A, 1/2 HP
11 A, 1/3 HP
10 A, 1/3 HP
250 VAC
125 VDC
0.6 A
250 VDC
0.3 A
Rated voltage
V-21
V-16
V-11
250 VAC
20 (4) A
16 (4) A
11 (3) A
Rated voltage
V-15
V-10
250 VAC
15 A
10 A
250 VDC
0.3 A


Podobny numer części - V-164-1AR5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V-164-1AR5 OMRON-V-164-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
V-164-1AR5 OMRON-V-164-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

Podobny opis - V-164-1AR5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com