Zakładka z wyszukiwarką danych komponentów |
|
V-15G3-1C25-K Arkusz danych(PDF) 2 Page - Omron Electronics LLC |
|
V-15G3-1C25-K Arkusz danych(HTML) 2 Page - Omron Electronics LLC |
2 / 16 page 122 Snap Action Switch V ■ Available Combinations Note: 1. ❍: Available model. Consult OMRON for specific models with standard approval. ■ List of Models Thermoplastic Case 21 A (OF: 400 gf) Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate location to obtain 2.9 mm mounting holes. Example: V-21G2-1C6-K 2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet. Thermoplastic case Thermosetting case Model V-21V-16V-11V-15 V-10 Rated Current 21 A 16 A 11 A 15 A 10 A COM terminal position Insulation Barrier Heat Resistance OF Terminal Symbol 400 gf 400 gf 200 gf 100 gf 400 gf 200 gf 200 gf 100 gf Bottom No Standard (80 °C) Solder terminals (A) - - - ❍❍ ❍❍❍ ❍❍ Quick-connect terminals (#187)(C2) - - - ❍❍ ❍❍❍ ❍❍ Quick-connect terminals (#250)(C) ❍ ❍ ❍ ❍❍❍ ❍❍ Heat resistant (150 °C) Solder terminals (A) - - - - - - - - - - - - ❍❍ ❍❍ Quick-connect terminals (#187)(C2) - - - - - - - - - - - - ❍❍ ❍❍ Quick-connect terminals (#250)(C) - - -- - - - - -- - -- - -- - -- - - - - - Yes Standard (80 °C) Solder terminals (A) - - - ❍❍ - - - - - - - - - - - - - - - Quick-connect terminals (#187)(C2) - - - ❍❍ - - - - - - - - - - - - - - - Quick-connect terminals (#250)(C) ❍❍ ❍ - - - - - - - - - - - - - - - Side No Standard (80 °C) Solder terminals (A) - - - - - - - - - - - - ❍❍ ❍❍ Quick-connect terminals (#187)(C2) - - - - - - - - - - - - ❍❍ ❍❍ Quick-connect terminals (#250)(C) ❍ - - - - - - - - - - - - - - - - - - - - - Common terminal position Contact form Terminal style Actuator Bottom SPDT Quick-connect (#250) (C) V-21-1C6 V-21-1CR6 V-21-1CL6 SPST-NC V-21-2C6 V-21-2CR6 V-21-2CL6 SPST-NO V-21-3C6 V-21-3CR6 V-21-3CL6 SPDT V-211-1C6 V-211-1CR6 V-211-1CL6 V-212-1C6 V-212-1CR6 V-212-1C6 V-213-1C6 V-213-1CR6 V-213-1CL6 V-214-1C6 V-214-1CR6 V-214-1CL6 V-215-1C6 V-215-1CR6 V-215-1CL6 V-216-1C6 V-216-1CR6 V-216-1CL6 Without barrier Without barrier Right-hand barrier Left-hand barrier Pin plunger Short hinge lever Hinge lever Long hinge lever Simulated roller lever Short hinge roller lever Hinge roller lever |
Podobny numer części - V-15G3-1C25-K |
|
Podobny opis - V-15G3-1C25-K |