Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A4594 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TS5A4594
Szczegółowy opis  SINGLE-CHANNEL 8- SPST ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4594 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TS5A4594_14 Datasheet HTML 4Page - Texas Instruments TS5A4594_14 Datasheet HTML 5Page - Texas Instruments TS5A4594_14 Datasheet HTML 6Page - Texas Instruments TS5A4594_14 Datasheet HTML 7Page - Texas Instruments TS5A4594_14 Datasheet HTML 8Page - Texas Instruments TS5A4594_14 Datasheet HTML 9Page - Texas Instruments TS5A4594_14 Datasheet HTML 10Page - Texas Instruments TS5A4594_14 Datasheet HTML 11Page - Texas Instruments TS5A4594_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TS5A4594
SINGLE-CHANNEL 8-
W SPST ANALOG SWITCH
SCDS179 – FEBRUARY 2005
www.ti.com
8
TYPICAL PERFORMANCE (continued)
6
7
8
9
10
11
12
Figure 7. tON and tOFF vs Temperature (V+ = 5 V)
TA (5C)
tON
tOFF
−40
°C25°C85°C
0
1
2
3
012
345
6
Figure 8. Logic-Level Threshold vs V+
V+ (V)
VIH
VIL
−4.0
−3.5
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
Figure 9. Bandwidth (Gain vs Frequency)
(V+ = 5 V)
Frequency (MHz)
0.1
1
1000
10
100
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
Figure 10. OFF Isolation vs Frequency
Frequency (MHz)
0.1
1
1000
10
100
0
1
2
3
4
5
6
7
8
9
10
−40
°C25°C85°C
Figure 11. Power-Supply Current vs
Temperature
TA (5C)
V+ = 3 V
V+ = 5 V
0.00
0.05
0.10
0.15
0.20
Frequency (MHz)
0.1
1
1000
10
100
V+ = 3 V
V+ = 5 V
Figure 12. Total Harmonic Distortion vs
Frequency


Podobny numer części - TS5A4594_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com