Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3154DCUR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3154DCUR
Szczegółowy opis  0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3154DCUR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TS5A3154DCUR Datasheet HTML 3Page - Texas Instruments TS5A3154DCUR Datasheet HTML 4Page - Texas Instruments TS5A3154DCUR Datasheet HTML 5Page - Texas Instruments TS5A3154DCUR Datasheet HTML 6Page - Texas Instruments TS5A3154DCUR Datasheet HTML 7Page - Texas Instruments TS5A3154DCUR Datasheet HTML 8Page - Texas Instruments TS5A3154DCUR Datasheet HTML 9Page - Texas Instruments TS5A3154DCUR Datasheet HTML 10Page - Texas Instruments TS5A3154DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TS5A3154
www.ti.com
SCDS191C
– MARCH 2005 – REVISED FEBRUARY 2012
Electrical Characteristics for 3.3-V Supply
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
3.3 V
3
6
10
Turn-on time,
VCOM = V+,
CL = 35 pF,
tON
ns
3 V to
IN or OE
RL = 50 Ω,
See Figure 17
Full
2
10.5
3.6 V
25
°C
3.3 V
5
10
15
Turn-off time,
VCOM = V+,
CL = 35 pF,
tOFF
ns
3 V to
IN or OE
RL = 50 Ω,
See Figure 17
Full
4
17
3.6 V
25
°C
3.3 V
4
5.7
12
Make-before-
VCOM = V+,
CL = 35 pF,
tMBB
ns
3 V to
break time
RL = 50 Ω,
See Figure 18
Full
4
13
3.6 V
Charge
VGEN = 0,
CL = 1 nF,
QC
25
°C
3.3 V
9
pC
injection
RGEN = 0,
See Figure 22
NC, NO
CNC(OFF),
Switch OFF,
OFF
VNC or VNO = V+ or GND,
25
°C
3.3 V
19
pF
CNO(OFF)
See Figure 16
capacitance
NC, NO
CNC(ON),
Switch ON,
ON
VNC or VNO = V+ or GND,
25
°C
3.3 V
57
pF
CNO(ON)
See Figure 16
capacitance
COM OFF
Switch ON,
CCOM(OFF)
VCOM = V+ or GND,
25
°C
3.3 V
36
pF
capacitance
See
COM
Switch ON,
ON
CCOM(ON)
VCOM = V+ or GND,
25
°C
3.3 V
57
pF
See Figure 16
capacitance
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
3.3 V
2
pF
capacitance
Switch ON,
Bandwidth
BW
RL = 50 Ω,
25
°C
3.3 V
100
MHz
See Figure 19
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
3.3 V
–64
dB
f = 1 MHz,
See Figure 20
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
3.3 V
–64
dB
f = 1 MHz,
See Figure 21
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
0.01
THD
kHz,
25
°C
3.3 V
%
distortion
CL = 50 pF,
0
See Figure 23
Supply
25
°C
0.01
0.1
Positive supply
Switch ON or
I+
VI = V+ or GND,
3.6 V
μA
current
OFF
Full
0.25
Copyright
© 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS5A3154


Podobny numer części - TS5A3154DCUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3154DCUR TI-TS5A3154DCUR Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCUR TI-TS5A3154DCUR Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE4 TI-TS5A3154DCURE4 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE4 TI-TS5A3154DCURE4 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154DCURE6 TI-TS5A3154DCURE6 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS5A3154DCUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI1-TS5A63157_14 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157 TI-TS5A63157_15 Datasheet
984Kb / 31P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com