Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3A5017PWRG4 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3A5017PWRG4
Szczegółowy opis  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5017PWRG4 Arkusz danych(HTML) 5 Page - Texas Instruments

  TS3A5017PWRG4 Datasheet HTML 1Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 2Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 3Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 4Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 5Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 6Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 7Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 8Page - Texas Instruments TS3A5017PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TS3A5017
www.ti.com .......................................................................................................................................... SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY (continued)
V+ = 2.7 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Dynamic
25°C
3.3 V
1
5
9.5
VD = 2 V,
CL = 35 pF,
Turn-on time
tON
ns
RL = 300 Ω,
See Figure 17
Full
3 V to 3.6 V
1
10.5
25°C
3.3 V
0.5
1.5
3.5
VD = 2 V,
CL = 35 pF,
Turn-off time
tOFF
ns
RL = 300 Ω,
See Figure 17
Full
3 V to 3.6 V
0.5
4.5
VGEN = 0, RGEN = 0,
Charge injection
QC
See Figure 22
25°C
3.3 V
5
pC
CL = 0.1 nF,
S
VS = V+ or GND,
OFF
CS(OFF)
See Figure 16
25°C
3.3 V
4.5
pF
Switch OFF,
capacitance
D
VD = V+ or GND,
OFF
CD(OFF)
See Figure 16
25°C
3.3 V
19
pF
Switch OFF,
capacitance
S
VS = V+ or GND,
CS(ON)
See Figure 16
25°C
3.3 V
25
pF
ON capacitance
Switch ON,
D
VD = V+ or GND,
CD(ON)
See Figure 16
25°C
3.3 V
25
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25°C
3.3 V
2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25°C
3.3 V
165
MHz
Switch ON,
RL = 50 Ω,
OFF isolation
OISO
See Figure 19
25°C
3.3 V
–48
dB
f = 1 MHz,
RL = 50 Ω,
Crosstalk
XTALK
See Figure 20
25°C
3.3 V
–49
dB
f = 1 MHz,
Crosstalk
RL = 50 Ω,
XTALK(ADJ)
See Figure 21
25°C
3.3 V
–74
dB
adjacent
f = 1 MHz,
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25°C
3.3 V
0.21
%
distortion
CL = 50 pF,
See Figure 23
Supply
25°C
2.5
7
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
3.6 V
µA
current
Full
10
Copyright © 2005–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS3A5017


Podobny numer części - TS3A5017PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5017PWRG4 TI-TS3A5017PWRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS3A5017PWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3A5017 TI-TS3A5017_10 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com