Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS12A4516DBVR Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części TS12A4516DBVR
Szczegółowy opis  DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A4516DBVR Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TS12A4516DBVR Datasheet HTML 3Page - Texas Instruments TS12A4516DBVR Datasheet HTML 4Page - Texas Instruments TS12A4516DBVR Datasheet HTML 5Page - Texas Instruments TS12A4516DBVR Datasheet HTML 6Page - Texas Instruments TS12A4516DBVR Datasheet HTML 7Page - Texas Instruments TS12A4516DBVR Datasheet HTML 8Page - Texas Instruments TS12A4516DBVR Datasheet HTML 9Page - Texas Instruments TS12A4516DBVR Datasheet HTML 10Page - Texas Instruments TS12A4516DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
APPLICATION INFORMATION
Power-Supply Considerations
Logic-Level Thresholds
Test Circuits/Timing Diagrams
NO
orNC
TS12A4516
,, TS12A4517
www.ti.com ................................................................................................................................................. SCDS236B – DECEMBER 2006 – REVISED APRIL 2009
The TS12A4516 and TS12A4517 operate with power-supply voltages from ±1 V to ±6 V [(2 V < (V+ – V) < 12 V],
but are tested and specified at ±5V, ±3.3V, and ±1.8V supplies. The pin-compatible TS12A4514 and TS12A4515
are recommended for use when only a single supply is desirable.
The TS12A4516 and TS12A4517 construction is typical of most CMOS analog switches, except that they have
only two supply pins: V+ and V. V+ and Vdrive the internal CMOS switches and set their analog voltage limits.
Reverse ESD-protection diodes are internally connected between each analog-signal pin and both V+ and V.
One of these diodes conducts if any analog signal exceeds V+ or V.
Virtually all the analog leakage current comes from the ESD diodes to V+ or V. Although the ESD diodes on a
given signal pin are identical and, therefore, fairly well balanced, they are reverse biased differently. Each is
biased by either V+ or Vand the analog signal. This means their leakages will vary as the signal varies. The
difference in the two diode leakages to the V+ and Vpins constitutes the analog-signal-path leakage current. All
analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal.
This is why both sides of a given switch can show leakage currents of the same or opposite polarity.
V+ and Valso power the internal logic and logic-level translators. The logic-level translators convert the logic
levels to switched V+ and Vsignals to drive the analog signal gates.
Since these parts have no ground pin, the logic-level threshold is referenced to V+. The threshold limits are V+
–1.5 V and V+ –3.5 V for V+ levels between 6 V and 3 V. When V+ = 2 V, the logic threshold is approximately 0.6
V.
CAUTION:
Do not connect the TS12A4516/TS12A4517 V+ to 3 V and then connect the
logic-level pins to logic-level signals that operate from 5-V supply. TTL levels
can exceed 3 V and violate the absolute maximum ratings, damaging the part
and/or external circuits.
Figure 1. Charge Injection
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS12A4516 TS12A4517


Podobny numer części - TS12A4516DBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A4516DBVR TI-TS12A4516DBVR Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516DBVR TI-TS12A4516DBVR Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results

Podobny opis - TS12A4516DBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
   Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com