Zakładka z wyszukiwarką danych komponentów |
|
TS12A4517DBVR Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
TS12A4517DBVR Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 18 page APPLICATION INFORMATION Power-Supply Considerations Logic-Level Thresholds Test Circuits/Timing Diagrams NO orNC TS12A4516 ,, TS12A4517 www.ti.com ................................................................................................................................................. SCDS236B – DECEMBER 2006 – REVISED APRIL 2009 The TS12A4516 and TS12A4517 operate with power-supply voltages from ±1 V to ±6 V [(2 V < (V+ – V–) < 12 V], but are tested and specified at ±5V, ±3.3V, and ±1.8V supplies. The pin-compatible TS12A4514 and TS12A4515 are recommended for use when only a single supply is desirable. The TS12A4516 and TS12A4517 construction is typical of most CMOS analog switches, except that they have only two supply pins: V+ and V–. V+ and V– drive the internal CMOS switches and set their analog voltage limits. Reverse ESD-protection diodes are internally connected between each analog-signal pin and both V+ and V–. One of these diodes conducts if any analog signal exceeds V+ or V–. Virtually all the analog leakage current comes from the ESD diodes to V+ or V–. Although the ESD diodes on a given signal pin are identical and, therefore, fairly well balanced, they are reverse biased differently. Each is biased by either V+ or V– and the analog signal. This means their leakages will vary as the signal varies. The difference in the two diode leakages to the V+ and V– pins constitutes the analog-signal-path leakage current. All analog leakage current flows between each pin and one of the supply terminals, not to the other switch terminal. This is why both sides of a given switch can show leakage currents of the same or opposite polarity. V+ and V– also power the internal logic and logic-level translators. The logic-level translators convert the logic levels to switched V+ and V– signals to drive the analog signal gates. Since these parts have no ground pin, the logic-level threshold is referenced to V+. The threshold limits are V+ –1.5 V and V+ –3.5 V for V+ levels between 6 V and 3 V. When V+ = 2 V, the logic threshold is approximately 0.6 V. CAUTION: Do not connect the TS12A4516/TS12A4517 V+ to 3 V and then connect the logic-level pins to logic-level signals that operate from 5-V supply. TTL levels can exceed 3 V and violate the absolute maximum ratings, damaging the part and/or external circuits. Figure 1. Charge Injection Copyright © 2006–2009, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TS12A4516 TS12A4517 |
Podobny numer części - TS12A4517DBVR |
|
Podobny opis - TS12A4517DBVR |