Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3159-EP Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3159-EP
Szczegółowy opis  1-W SPDT ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3159-EP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TS5A3159-EP Datasheet HTML 6Page - Texas Instruments TS5A3159-EP Datasheet HTML 7Page - Texas Instruments TS5A3159-EP Datasheet HTML 8Page - Texas Instruments TS5A3159-EP Datasheet HTML 9Page - Texas Instruments TS5A3159-EP Datasheet HTML 10Page - Texas Instruments TS5A3159-EP Datasheet HTML 11Page - Texas Instruments TS5A3159-EP Datasheet HTML 12Page - Texas Instruments TS5A3159-EP Datasheet HTML 13Page - Texas Instruments TS5A3159-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
Electrical Characteristics for 1.8-V Supply (continued)
V
+ = 1.65 V to 1.95 V (1.8 V nominal), TA = –55°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN TYP(1)
MAX
UNIT
Dynamic
25
°C
65
70
VCOM = V+,
CL = 35 pF,
1.65 V to
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 15
1.95 V
Full
95
25
°C
40
55
VCOM = V+,
CL = 35 pF,
1.65 V to
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 15
1.95 V
Full
70
25
°C
1
60
72
Break-before-
VNC = VNO = V+/2,
CL = 35 pF,
1.65 V to
tBBM
ns
make time
RL = 50 Ω,
See Figure 16
1.95 V
Full
0.5
CL = 1 nF,
Charge injection
QC
See Figure 20
25
°C
1.8 V
13
pC
VGEN = 0 V,
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
OFF
See Figure 14
25
°C
1.8 V
23
pF
CNO(OFF)
Switch OFF,
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
See Figure 14
25
°C
1.8 V
84
pF
ON capacitance
CNO(ON)
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 14
25
°C
1.8 V
84
pF
ON capacitance
Switch ON,
Digital input
CIN
VIN = V+ or GND,
See Figure 14
25
°C
1.8 V
2.1
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 17
25
°C
1.8 V
100
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
1.8 V
–63
dB
f = 1 MHz,
See Figure 18
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
1.8 V
–63
dB
f = 1 MHz,
See Figure 19
Supply
Positive supply
I+
VIN = V+ or GND,
Switch ON or OFF
Full
1.95 V
0.1
µA
current
10
Submit Documentation Feedback


Podobny numer części - TS5A3159-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

Podobny opis - TS5A3159-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
[Old version datasheet]   1- SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
   SPDT 1 Analog Switch
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
   1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
   1 SPDT Analog Switch
logo
Texas Instruments
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
[Old version datasheet]   1 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   DUAL 15-W SPDT ANALOG SWITCH
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
364Kb / 22P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com