Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV-158 Arkusz danych(PDF) 7 Page - Altech corporation

Numer części MV-158
Szczegółowy opis  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTECH [Altech corporation]
Strona internetowa  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MV-158 Arkusz danych(HTML) 7 Page - Altech corporation

Back Button MV-158 Datasheet HTML 3Page - Altech corporation MV-158 Datasheet HTML 4Page - Altech corporation MV-158 Datasheet HTML 5Page - Altech corporation MV-158 Datasheet HTML 6Page - Altech corporation MV-158 Datasheet HTML 7Page - Altech corporation MV-158 Datasheet HTML 8Page - Altech corporation MV-158 Datasheet HTML 9Page - Altech corporation MV-158 Datasheet HTML 10Page - Altech corporation MV-158 Datasheet HTML 11Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
10
Dimensions
Dimensions
0.6
P/2
P/2
P
M
B
A
G
D
L
C
H
K
I
J
O
A
10.60 mm
B
10.00 mm
C
8.50 mm
D
3.70 mm
E–
F–
G
1.50 mm
H
4.40 mm
I
2.60 mm
J
1.70 mm
K
Ø3.90 mm
L
0.50 mm
M 0.90 mm
N–
O
1.80 mm
P
5.00 mm
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MH-152
10.0
3
MH-153
15.0
4
MH-154
20.0
5
MH-155
25.0
6
MH-156
30.0
7
MH-157
35.0
8
MH-158
40.0
9
MH-159
45.0
10
MH-1510
50.0
11
MH-1511
55.0
12
MH-1512
60.0
13
MH-1513
65.0
14
MH-1514
70.0
15
MH-1515
75.0
16
MH-1516
80.0
17
MH-1517
85.0
18
MH-1518
90.0
19
MH-1519
95.0
20
MH-1520
100.0
21
MH-1521
105.0
22
MH-1522
110.0
23
MH-1523
115.0
24
MH-1524
120.0
Pin Spacing: 5.00mm
Orientation: Horizontal
Clamp Type: Screw Cage
Design:
Modular
MH-15
ELECTRICAL
Current
Voltage
Wire Range
10A
300V
30-16AWG
13.5A
250V
1.5mm2 Stranded
2.5mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size 1.3mm
Torque
0.5Nm
Stripping Lgth. 6.7mm
(4.5 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
H
A
J
B
D
C
G
K
P/2
M
P
O
A 12.50 mm
B 10.00 mm
C 9.00 mm
D 3.40 mm
E–
F–
G 4.50 mm
H 8.80 mm
I–
J
Ø3.10 mm
K Ø3.95 mm
L–
M Ø1.00 mm
N–
O 2.00 mm
P 5.00 mm
MHE-16
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MHE-162
10.0
3
MHE-163
15.0
4
MHE-164
20.0
5
MHE-165
25.0
6
MHE-166
30.0
7
MHE-167
35.0
8
MHE-168
40.0
9
MHE-169
45.0
10
MHE-1610
50.0
11
MHE-1611
55.0
12
MHE-1612
60.0
13
MHE-1613
65.0
14
MHE-1614
70.0
15
MHE-1615
75.0
16
MHE-1616
80.0
17
MHE-1617
85.0
18
MHE-1618
90.0
19
MHE-1619
95.0
20
MHE-1620
100.0
21
MHE-1621
105.0
22
MHE-1622
110.0
23
MHE-1623
115.0
24
MHE-1624
120.0
Pin Spacing:
5.00mm
Orientation:
Horizontal
Clamp Type:
Tubular Screw with
Wire Protector
Design:
Modular
ELECTRICAL
Current
Voltage
Wire Range
16A
250V
22-14AWG
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size 1.3mm
Torque
0.5Nm
Stripping Lgth. 5.8mm
(4.5 lbf-in.)
MATERIAL
Body Glass-Filled Polyester
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
130˚C UL
Wire Protector CuSn6
125˚C IEC
Color
Black
Fixed PCB Blocks
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20


Podobny numer części - MV-158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-101101-1.3-8A MACOM-MV-101101-1.3-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101165-0.85-8A MACOM-MV-101165-0.85-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101508-2.5-8A MACOM-MV-101508-2.5-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Podobny opis - MV-158

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com