Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV-1510 Arkusz danych(PDF) 3 Page - Altech corporation

Numer części MV-1510
Szczegółowy opis  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALTECH [Altech corporation]
Strona internetowa  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MV-1510 Arkusz danych(HTML) 3 Page - Altech corporation

  MV-1510 Datasheet HTML 1Page - Altech corporation MV-1510 Datasheet HTML 2Page - Altech corporation MV-1510 Datasheet HTML 3Page - Altech corporation MV-1510 Datasheet HTML 4Page - Altech corporation MV-1510 Datasheet HTML 5Page - Altech corporation MV-1510 Datasheet HTML 6Page - Altech corporation MV-1510 Datasheet HTML 7Page - Altech corporation MV-1510 Datasheet HTML 8Page - Altech corporation MV-1510 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
6
G
A
F
H
M
P
C
K
B
D
O
J
G
A
ML
J
I
P
C
B
D
O
K
H
A 8.40 mm
B 7.00 mm
C 6.80 mm
D 3.40 mm
E–
F 4.70 mm
G 3.50 mm
H 3.80 mm
I–
J
1.80 mm
K 2.80 mm
L–
M Ø0.80 mm
N–
O 1.20 mm
P 3.50 mm
A 8.50 mm
B 7.62 mm
C 7.40 mm
D 3.80 mm
E–
F–
G 3.50 mm
H 5.90 mm
I
1.60 mm
J
1.50 mm
K 2.75 mm
L
0.50 mm
M 0.90 mm
N–
O 1.40 mm
P
3.81 mm
Dimensions
Dimensions
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MLK-132
7.0
3
MLK-133
10.5
4
MLK-134
14.0
5
MLK-135
17.5
6
MLK-136
21.0
7
MLK-137
24.5
8
MLK-138
28.0
9
MLK-139
31.5
10
MLK-1310
35.0
11
MLK-1311
38.5
12
MLK-1312
42.0
13
MLK-1313
45.5
14
MLK-1314
49.0
15
MLK-1315
52.5
16
MLK-1316
56.0
17
MLK-1317
59.5
18
MLK-1318
63.0
19
MLK-1319
66.5
20
MLK-1320
70.0
21
MLK-1321
73.5
22
MLK-1322
77.0
23
MLK-1323
80.5
24
MLK-1324
84.0
Pin Spacing: 3.50mm
Orientation: Vertical*
Clamp Type: Tubular Screw with
Wire Protector
Design:
Modular
MLK-13
MCK-13
ELECTRICAL
Current
Voltage
Wire Range
Pending
10A
300V
30-16AWG
10A
130V
1.0mm2 stranded
1.5mm2 solid
INSTALLATION
DATA
Screw Size
M2
PCB Hole Size 1.3mm
Torque
0.2Nm
Stripping Lgth. 6.0mm
(1.8 lbf-in.)
MATERIAL
Body Polyamide
Screw
Galvanized Steel
Flammability Class UL94V-0 Terminal
Tin-Plated Brass
Temperature Limit
85˚C
Clamp
Tin-Plated Bronze
Color
Green
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MCK-132
7.6
3
MCK-133
11.4
4
MCK-134
15.2
5
MCK-135
19.1
6
MCK-136
22.9
7
MCK-137
26.7
8
MCK-138
30.5
9
MCK-139
34.3
10
MCK-1310
38.1
11
MCK-1311
41.9
12
MCK-1312
45.7
13
MCK-1313
49.5
14
MCK-1314
53.3
15
MCK-1315
57.2
16
MCK-1316
61.0
17
MCK-1317
64.8
18
MCK-1318
68.6
19
MCK-1319
72.4
20
MCK-1320
76.2
21
MCK-1321
80.0
22
MCK-1322
83.8
23
MCK-1323
87.6
24
MCK-1324
91.4
ELECTRICAL
Current
Voltage
Wire Range
Pending
10A
300V
30-16AWG
10A
130V
1.0mm2 stranded
1.5mm2 solid
INSTALLATION
DATA
Screw Size
M2
PCB Hole Size 1.3mm
Torque
0.2Nm
Stripping Lgth. 6.0mm
(1.8 lbf-in.)
MATERIAL
Body Polyamide
Screw
Galvanized Steel
Flammability Class UL94V-0 Terminal
Tin-Plated Brass
Temperature Limit
85˚C
Clamp
Nickeled Bronze
Color
Green
Pin Spacing:
3.81mm
Orientation:
Vertical
Clamp Type:
Screw Cage
Design:
Modular
Fixed PCB Blocks
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
*Also availble in horizontal orientation


Podobny numer części - MV-1510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-101101-1.3-8A MACOM-MV-101101-1.3-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101165-0.85-8A MACOM-MV-101165-0.85-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101508-2.5-8A MACOM-MV-101508-2.5-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Podobny opis - MV-1510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com