Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS12A44513DRG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TS12A44513DRG4
Szczegółowy opis  LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A44513DRG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TS12A44513DRG4 Datasheet HTML 2Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 3Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 4Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 5Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 6Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 7Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 8Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 9Page - Texas Instruments TS12A44513DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TYPICAL PERFORMANCE
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10 11 12
Analog Signal, V
(V)
COM
V = 3 V
+
V = 4.5 V
+
V = 11.4 V
+
0
5
10
15
20
25
30
0
1
2
3
4
Analog Signal, V
(V)
COM
T = 25°C
A
T = 85°C
A
T = –40°C
A
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10 11 12
Analog Signal, V
(V)
COM
T = 25°C
A
T = 85°C
A
T = –40°C
A
0
5
10
15
20
25
0
1
2
3
4
5
Analog Signal, V
(V)
COM
VDD = 5.5 V
T = –40°C
A
T = 25°C
A
T = 85°C
A
TS12A44513
,, TS12A44514,, TS12A44515
SCDS247 – OCTOBER 2008 ............................................................................................................................................................................................. www.ti.com
Figure 1. rON vs VCOM (TA = 25°C)
Figure 2. rON vs VCOM (V+ = 3 V)
Figure 3. rON vs VCOM (V+ = 4.5 V)
Figure 4. rON vs VCOM (V+ = 11.4 V)
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS12A44513 TS12A44514 TS12A44515


Podobny numer części - TS12A44513DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A44513DRG4 TI-TS12A44513DRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513DRG4 TI-TS12A44513DRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

Podobny opis - TS12A44513DRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com