Zakładka z wyszukiwarką danych komponentów |
|
TS5A9411DCKT Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TS5A9411DCKT Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 24 page 1 FEATURES APPLICATIONS DESCRIPTION 6 4 COM IN 5 V+ 1 2 3 NO GND NC TS5A9411 www.ti.com ............................................................................................................................................................... SCDS241A – MAY 2008 – REVISED JULY 2008 10- Ω SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER • Cell Phones • 2.25-V to 5.5-V Single-Supply Operation • Communication Systems • Low ON-State Resistance • Portable Test Equipment (10 Ω Max at V+ = 5V) • Battery Operated Systems • Specified Break-Before-Make Switching • Sample-and-Hold Circuits • Low Power Consumption • TTL/CMOS Compatible Control Input • Low Input/Output Capacitance The TS5A9411 is a single-pole double-throw (SPDT) • Latch-Up Performance Exceeds 100 mA analog switch that is designed to operate from 2.25 V Per JESD 78, Class II to 5.5 V. The device offers low ON-state resistance, • ESD Performance Tested Per JESD low leakage, and low power with a break-before-make feature. These features make this – 2000-V Human-Body Model device suitable for portable and battery-powered (A114-B, Class II) applications. – 1000-V Charged-Device Model (C101) • Control Inputs Are 5.5-V Tolerant FUNCTION TABLE • Excellent ON-State Resistance Matching NC TO COM, NO TO COM, IN COM TO NC COM TO NO • Low Total Harmonic Distortion (THD) L ON OFF DCK PACKAGE H OFF ON (TOP VIEW) ORDERING INFORMATION TA PACKAGE(1)(2) ORDERABLE PART NUMBER TOP-SIDE MARKING(3) –40°C to 85°C SOT (SC-70) – DCK Tape and reel TS5A9411DCKR 32_ (1) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (2) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at www.ti.com. (3) DCK: The actual top-side marking has one additional character that designates the assembly/test site. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Podobny numer części - TS5A9411DCKT |
|
Podobny opis - TS5A9411DCKT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |