Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2DDR2811 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części TS2DDR2811
Szczegółowy opis  1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS2DDR2811 Arkusz danych(HTML) 4 Page - Texas Instruments

  TS2DDR2811_14 Datasheet HTML 1Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 2Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 3Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 4Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 5Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 6Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 7Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 8Page - Texas Instruments TS2DDR2811_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TS2DDR2811
SCDS294 – DECEMBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS
for 10/100 Base-T Ethernet switching over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = –18 mA
–0.7
–1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VCC
±1
μA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
μA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
500
μA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
2.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
8
pF
rON
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
IO = –10 mA to –30 mA
4
6
rON(flat)
(3)
VCC = 3 V,
VI = 1.25 V and VCC,
IO = –10 mA to –30 mA
0.5
ΔrON
(4)
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
IO = –10 mA to –30 mA
0.4
1
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
rON(flat) is the difference of rON in a given channel at specified voltages.
(4)
ΔrON is the difference of rON from center (A4, A5) ports to any other port.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF
(unless otherwise noted) (see Figure 5 and Figure 6)
FROM
TO
PARAMETER
MIN
TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tpd
(2)
A or B
B or A
40
ps
tPZH, tPZL
SEL
A or B
0.5
15
ns
tPHZ, tPLZ
SEL
A or B
0.9
9
ns
tsk(o)
(3)
A or B
B or A
50
100
ps
tsk(p)
(4)
50
150
ps
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
Output skew between center port (A4 to A5) to any other port
(4)
Skew between opposite transitions of the same output in a given device |tPHL – tPLH|
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
XTALK
RL = 100 Ω,
f = 250 MHz,
See Figure 8
–37
dB
OIRR
RL = 100 Ω,
f = 250 MHz,
See Figure 9
–37
dB
BW
RL = 50 Ω,
See Figure 7
1100
MHz
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS2DDR2811


Podobny numer części - TS2DDR2811_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS2DDR2811ZXYR TI-TS2DDR2811ZXYR Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
More results

Podobny opis - TS2DDR2811_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS2DDR2811 TI-TS2DDR2811 Datasheet
230Kb / 13P
[Old version datasheet]   1-GHz BANDWIDTH, 8-CHANNEL SPST SWITCH
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
   DC - 8 GHZ GAAS MMIC SPST SWITCH
logo
Texas Instruments
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Pericom Semiconductor C...
PI3A125B PERICOM-PI3A125B Datasheet
343Kb / 8P
   SPST Wide Bandwidth Analog Switch
logo
Texas Instruments
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
logo
Texas Instruments
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Texas Instruments
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com