Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FW300B1 Arkusz danych(PDF) 1 Page - Lineage Power Corporation

Numer części FW300B1
Szczegółowy opis  FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

FW300B1 Arkusz danych(HTML) 1 Page - Lineage Power Corporation

  FW300B1 Datasheet HTML 1Page - Lineage Power Corporation FW300B1 Datasheet HTML 2Page - Lineage Power Corporation FW300B1 Datasheet HTML 3Page - Lineage Power Corporation FW300B1 Datasheet HTML 4Page - Lineage Power Corporation FW300B1 Datasheet HTML 5Page - Lineage Power Corporation FW300B1 Datasheet HTML 6Page - Lineage Power Corporation FW300B1 Datasheet HTML 7Page - Lineage Power Corporation FW300B1 Datasheet HTML 8Page - Lineage Power Corporation FW300B1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
April 2008
FW250B1 and FW300B1 Power Modules: dc-dc Converters:
36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
The FW250B1 and FW300B1 Power Modules use advanced,
surface-mount technology and deliver high-quality, compact,
dc-dc conversion at an economical price.
Applications
n
Redundant and distributed power architectures
n
Computer equipment
n
Communications equipment
Options
n
Heat sinks available for extended operation
Features
n
Size: 61.0 mm x 116.8 mm x 13.5 mm
(2.40 in. x 4.60 in. x 0.53 in.)
n
Wide input voltage range
n
High efficiency: 87% typical
n
Parallel operation with load sharing
n
Output voltage set-point adjustment (trim)
n
Overtemperature protection
n
Synchronization
n
Power good signal
n
Output current monitor
n
Output overvoltage and overcurrent protection
n
Remote sense
n
Remote on/off
n
Constant frequency
n
Case ground pin
n
Input-to-output isolation
n
ISO* 9001 Certified manufacturing facilities
n
UL1950 Recognized, CSAC22.2 No. 950-95
Certified, and VDE § 0805 (EN60950, IEC950)
Licensed
n
CE mark meets 73/23/EEC and 93/68/EEC direc-
tives**
Description
The FW250B1 and FW300B1 Power Modules are dc-dc converters that operate over an input voltage range of
36 Vdc to 75 Vdc and provide a precisely regulated dc output. The outputs are fully isolated from the inputs,
allowing versatile polarity configurations and grounding connections. The modules have maximum power rat-
ings from 250 W to 300 W at a typical full-load efficiency of 87%.
Two or more modules may be paralleled with forced load sharing for redundant or enhanced power applications.
The package, which mounts on a printed-circuit board, accommodates a heat sink for high-temperature
applications.
* ISO is a registered trademark of the International Organization for Standardization.
† UL is a registered trademark of Underwriters Laboratories, Inc.
‡ CSA is a registered trademark of Canadian Standards Assn.
§ VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
** This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment should
be followed. (The CE mark is placed on selected products.)


Podobny numer części - FW300B1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results

Podobny opis - FW300B1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
Tyco Electronics
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com