Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM306DRE4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM306DRE4
Szczegółowy opis  Fast Response Times Improved Gain and Accuracy
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM306DRE4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM306DRE4 Datasheet HTML 3Page - Texas Instruments LM306DRE4 Datasheet HTML 4Page - Texas Instruments LM306DRE4 Datasheet HTML 5Page - Texas Instruments LM306DRE4 Datasheet HTML 6Page - Texas Instruments LM306DRE4 Datasheet HTML 7Page - Texas Instruments LM306DRE4 Datasheet HTML 8Page - Texas Instruments LM306DRE4 Datasheet HTML 9Page - Texas Instruments LM306DRE4 Datasheet HTML 10Page - Texas Instruments LM306DRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM306
DIFFERENTIAL COMPARATOR WITH STROBES
SLCS008A − OCTOBER 1979 − REVISED OCTOBER 1991
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 7
40,000
20,000
0
010
20
30
40
50
60,000
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
80,000
60
TA − Free-Air Temperature − °C
VCC+ = 10 V
VCC+ = 15 V
VCC+ = 15 V
VCC − = − 3 V to − 12 V
VO = 1 to 2 V
RL = ∞
70
Figure 8
0.2
0.1
0
0.3
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
0.4
VCC + = VO = 12 V
TA − Free-Air Temperature − °C
0
10
2030
40
5060
70
VCC − = − 6 V
VID = − 8 mV
See Note A
NOTE A: This parameter was measured using a single 5-ms
pulse.
Figure 9
4
2
1
0
020
40
5
3
t − Time − ns
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
60
80
100
100 mV
20 mV
5 mV
2 mV
10 mV
VCC + = 12 V
VCC − = − 6 V
CL = 15 pF
RL = 390 Ω to 5 V
TA = 25°C
Figure 10
4
3
3
0
020
40
60
5
80
100
20 mV
VCC + = 12 V
VCC − = − 6 V
CL = 15 pF
RL = 390 Ω to 5 V
TA = 25°C
2
t − Time − ns
OUTPUT RESPONSE FOR
VARIOUS INPUT OVERDRIVES
100 mV
10 mV
5 mV
2 mV


Podobny numer części - LM306DRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM306 NSC-LM306 Datasheet
97Kb / 6P
   Voltage Comparator
More results

Podobny opis - LM306DRE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
EAPDLP04SCAA2 EVERLIGHT-EAPDLP04SCAA2 Datasheet
317Kb / 6P
   Fast response times
logo
MKS Instruments.
AA02A MKS-AA02A Datasheet
270Kb / 4P
   All-digital architecture and improved thermal management provides better long-term stability, improved accuracy and increased reliability
logo
Texas Instruments
TMS320F28069 TI1-TMS320F28069_16 Datasheet
2Mb / 177P
[Old version datasheet]   Fast Interrupt Response and Processing
logo
National Semiconductor ...
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI1-LP38856_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ_16 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38852-ADJ TI1-LP38852-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com