Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW94CFTU Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BDW94CFTU
Szczegółowy opis  PNP Epitaxial Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94CFTU Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BDW94CFTU Datasheet HTML 1Page - Fairchild Semiconductor BDW94CFTU Datasheet HTML 2Page - Fairchild Semiconductor BDW94CFTU Datasheet HTML 3Page - Fairchild Semiconductor BDW94CFTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BDW94CF Rev. A
July 2005
BDW94CF
PNP Epitaxial Silicon Transistor
Power Linear and Switching Application
• Power Darlington TR
• Complement to BDW93CF Respectively
Absolute Maximum Ratings T
a = 25°C unless otherwise noted
Electrical Characteristics T
C = 25°C unless otherwise noted
* Pulse Test: PW = 300
µs, Duty Cycle = 1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-100
V
VCEO
Collector-Emitter Voltage
-100
V
IC
Collector Current (DC)
-12
A
ICP
Collector Current (Pulse) *
-15
A
IB
Base Current
-0.2
A
PC
Collector Dissipation (TC = 25°C)
30
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
IC -100mA, IB = 0
-100
V
ICBO
Collector Cut-off Current
VCB = -100V, IE = 0
-100
µA
ICEO
Collector Cut-off Current
VVCE = -100V, IB = 0
-1
mA
IEBO
Emitter Cut-off Current
VEB = -5V, IC = 0
-2
mA
hFE
DC Current Gain *
VCE = -3V, IC = -3A
VCE = -3V, IC = -5A
VCE = -3V, IC = -10A
1000
750
100
20000
VCE(sat)
Collector-Emitter Saturation Voltage *
IC = -5A, IB = -20mA
IC = -10A, IB = -100mA
-2
-3
V
V
VBE(sat)
Base-Emitter Saturation Voltage *
IC = -5A, IB = -20mA
IC = -10A, IB = -100mA
-2.5
-4
V
V
VF
Parallel Diode Forward Voltage *
IF = -5A
IF = -10A
-1.3
-1.8
-2
-4
V
V
1
1.Base 2.Collector 3.Emitter
TO-220F


Podobny numer części - BDW94CFTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDW94CF FAIRCHILD-BDW94CF Datasheet
419Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
STMicroelectronics
BDW94CFP STMICROELECTRONICS-BDW94CFP Datasheet
37Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDW94CFP STMICROELECTRONICS-BDW94CFP Datasheet
92Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Inchange Semiconductor ...
BDW94CFP ISC-BDW94CFP Datasheet
394Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Podobny opis - BDW94CFTU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com