Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145012 Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc

Numer części MC145012
Szczegółowy opis  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012 Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc

  MC145012 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sensors
4
Freescale Semiconductor
MC145012
Table 2. Electrical Characteristics
(Voltages Referenced to VSS, TA = - 10 to 60°C Unless Otherwise Indicated).
Characteristic
Symbol
Test Condition
VDD
V
Min
Max
Unit
Power Supply Voltage Range
VDD
—6.0
12
V
Supply Threshold Voltage, Low-Supply Alarm
VTH
Low-Supply Trip: Vin = VDD/3
6.5
7.8
V
Average Operating Supply Current (per Package)
(Does Not Include Current through D3-IR Emitter)
IDD
Standby
Configured per Figure 8
12.0
8.0
µA
Peak Supply Current (per Package)
(Does Not Include IRED Current into Base of Q1)
IDD
During Strobe On, IRED Off
Configured per Figure 8
12.0
2.0
mA
During Strobe On, IRED On
Configured per Figure 8
12.0
3.0
Low-Level Input Voltage
I/O
Feedback
Test
VIL
9.0
9.0
9.0
1.5
2.7
7.0
V
High-Level Input Voltage
I/O
Feedback
Test
VIH
9.0
9.0
9.0
3.2
6.3
8.5
V
Input Current
OSC, Detect
Low-Supply Trip
Feedback
IIN
Vin = VSS or VDD
Vin = VSS or VDD
Vin = VSS or VDD
12.0
12.0
12.0
± 100
± 100
± 100
nA
Low-Level Input Current
Test
IIL
Vin = VSS
12.0
- 100
- 1.0
µA
Pull-Down Current
Test
I/O
IIH
Vin = VDD
No Local Smoke, Vin = VDD
No Local Smoke, Vin = 17 V
9.0
9.0
12.0
0.5
25
10
100
140
µA
Low-Level Output Voltage
LED
Silver, Brass
VOL
Iout = 10 mA
Iout = 16 mA
6.5
6.5
0.6
1.0
V
High-Level Output Voltage
Silver, Brass
VOH
Iout = - 16 mA
6.5
5.5
V
Output Voltage
Strobe
(For Line Regulation, See
Pin Descriptions)
IRED
VOUT
Inactive, Iout =1 µA
Active, Iout = 100 µA to 500 µA
(Load Regulation)
9.0
VDD - 0.1
VDD - 4.40
VDD - 5.30
V
Inactive, Iout = 1 µA
Active, Iout = 6 mA
(Load Regulation)
9.0
2.25 (5)
0.1
3.75 (5)
High-Level Output Current
I/O
IOH
Local Smoke, Vout = 4.5 V
6.5
-4.0
mA
Local Smoke, Vout =VSS
(Short Circuit Current)
12.0
-16
Off-State Output Leakage Current
LED
IOZ
Vout =VSS or VDD
12.0
±1.0
µA
Common Mode
C1, C2, Detect
Voltage Range
VIC
Local Smoke, Push-button Test,
or Chamber Sensitivity Test
—VDD - 4.0
VDD - 2.0
V
Smoke Comparator
Internal
Reference Voltage
VREF
Local Smoke, Push-button Test,
or Chamber Sensitivity Test
—VDD - 3.08
VDD - 3.92
V
Notes
5. TA = 25°C only.


Podobny numer części - MC145012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012DW FREESCALE-MC145012DW Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012ED FREESCALE-MC145012ED Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012P FREESCALE-MC145012P Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Podobny opis - MC145012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com