Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145012P Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc

Numer części MC145012P
Szczegółowy opis  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012P Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc

  MC145012P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Sensors
2
Freescale Semiconductor
MC145012
Figure 2. Block Diagram
Temporal Pattern Horn
Modulator
And Driver
+
-
+
-
DETECT
OSC
R1
TEST
STROBE
LOW-SUPPLY
TRIP
3
12
13
16
4
15
2
1
C1 C2
OSC
AMP
COMP
COMP
Alarm
Logic
VDD - 5 V
REF
Timing
Logic
VDD - 3.5 V
REF
Smoke
Gate
On/off
GATE
ON/OFF
8
9
10
6
11
7
Pin 5 = VDD
Pin 14 = VSS
LED
IRED
FEEDBACK
SILVER
BRASS
I/O


Podobny numer części - MC145012P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012P FREESCALE-MC145012P Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Podobny opis - MC145012P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com