Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145012ED Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc

Numer części MC145012ED
Szczegółowy opis  Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145012ED Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145012ED Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145012ED Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Document Number: MC145012
Rev 9.0, 11/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Photoelectric Smoke Detector IC with
I/O and Temporal Pattern Horn Driver
The CMOS MC145012 is an advanced smoke detector component containing
sophisticated very-low-power analog and digital circuitry. The IC is used with an
infrared photoelectric chamber. Detection is accomplished by sensing scattered
light from minute smoke particles or other aerosols. When detection occurs, a
pulsating alarm is sounded via on-chip push-pull drivers and an external
piezoelectric transducer.
The variable-gain photo amplifier allows direct interface to IR detectors
(photodiodes). Two external capacitors, C1 and C2, C1 being the larger, determine
the gain settings. Low gain is selected by the IC during most of the standby state.
Medium gain is selected during a local-smoke condition. High gain is used during
push-button test. During standby, the special monitor circuit which periodically
checks for degraded chamber sensitivity uses high gain also.
The I/O pin, in combination with VSS, can be used to interconnect up to 40 units
for common signaling. An on-chip current sink provides noise immunity when the I/
O is an input. A local-smoke condition activates the short-circuit-protected I/O
driver, thereby signaling remote smoke to the interconnected units. Additionally, the
I/O pin can be used to activate escape lights, enable auxiliary or remote alarms,
and/or initiate auto-dialers.
While in standby, the low-supply detection circuitry conducts periodic checks
using a pulsed load current from the LED pin. The trip point is set using two external
resistors. The supply for the MC145012 can be a 9.0 V battery.
A visible LED flash accompanying a pulsating audible alarm indicates a local-
smoke condition. A pulsating audible alarm with no LED flash indicates a remote-
smoke condition. A beep or chirp occurring virtually simultaneously with an LED
flash indicates a low-supply condition. A beep or chirp occurring halfway between
LED flashes indicates degraded chamber sensitivity. A low-supply condition does
not affect the smoke detection capability if VDD ≥ 6.0 V. Therefore, the low-supply
condition and degraded chamber sensitivity can be further distinguished by
performing a push-button (chamber) test.
Features
Circuit is designed to operate in smoke detector systems that comply with
UL217 and UL268 Specifications
Operating Voltage Range: 6.0 V to 12 V, Average Supply Current: 8
µA
Operating Temperature Range: -10 to 60
°C
I/O Pin Allows Units to be Interconnected for Common Signalling
Power-On Reset Places IC in Standby Mode (Non-Alarm State)
Electrostatic Discharge (ESD) and Latch Up Protection Circuitry on All Pins
Chip Complexity: 2000 FETs, 12 NPNs, 16 Resistors, and 10 Capacitors
Supports NFPA 72, ANSI S3.41, and ISO 8201 Audible Emergency Evacuation
Signals
Ideal for battery-powered applications
Pb-Free Packaging Designated by Suffix Codes ED and EG
ORDERING INFORMATION
Device
Temp. Range
Case No.
Package
MC145012P
-55 to +125°C
648-08
16 Lead Plastic Dip
MC145012ED
16 PDIP (Pb-Free)
MC145012DW
751G-04
16 Lead SOICW
MCZ145012EG/R2
16 SOICW (Pb-Free)
MC145012
PHOTOELECTRIC SMOKE
DETECTOR IC WITH I/O AND
TEMPORAL PATTERN
HORN DRIVER
P SUFFIX
ED SUFFIX (PB-FREE)
PLASTIC DIP
CASE 648-08
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1
C2
DETECT
STROBE
VDD
IRED
I/O
BRASS
TEST
LOW-SUPPLY
TRIP
VSS
R1
OSC
LED
FEEDBACK
SILVER
DW SUFFIX
EG SUFFIX (PB-FREE)
SOIC PACKAGE
CASE 751G-04
Figure 1. Pin Connections


Podobny numer części - MC145012ED

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012ED FREESCALE-MC145012ED Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Podobny opis - MC145012ED

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com