Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST-4EB503 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części ST-4EB503
Szczegółowy opis  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

ST-4EB503 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  ST-4EB503 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST-4EB503 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST-4EB503 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST-4EB503 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST-4EB503 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST-4EB503 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
ST-4
SURFACE MOUNT TRIMMERS
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit: mm)
● ST-4EA
Top adjustment
● ST-4EB
Top adjustment
● ST-4EC
Top adjustment
Note the terminal position.
2
0.6 W
× 2.3 L × 0.5 D
Resistance code &
Production date code
Lead-free Identification mark
5
2.3
t = 0.15
1.2
2.35
2 – 0.8
3
1
5
2.3
1.2
2.35
2 – 0.8
2
Resistance code &
Production date code
t = 0.15
3
1
0.6 W
× 2.3 L × 0.5 D
Lead-free Identification mark
5
4
±1
3 – 0.6
2.54
2
Resistance code &
Production date code
t = 0.15
3
1
2.3
0.6 W
× 2.3 L × 0.5 D
Lead-free Identification mark
CW rotation
1
2
3
● ST-4EG
Side adjustment
5
4.5
2.35
2 – 0.8
1.2
2
Resistance code &
Production date code
t = 0.15
3
1
0.6 W
× 2.3 L × 0.5 D
Lead-free Identification mark


Podobny numer części - ST-4EB503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA104 ETC2-ST-4ETA104 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
More results

Podobny opis - ST-4EB503

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
ST-4 COPAL-ST-4 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETG200 ETC2-ST32ETG200 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-4 VISHAY-ST-4 Datasheet
181Kb / 8P
    Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
logo
Copal Electronics
ST4ETA103 COPAL-ST4ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
List of Unclassifed Man...
ST32ETA103 ETC2-ST32ETA103 Datasheet
133Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETD102 ETC2-ST-4ETD102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-4ETA102 ETC1-ST-4ETA102 Datasheet
173Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Copal Electronics
ST32EA100 COPAL-ST32EA100 Datasheet
121Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
ST-2 COPAL-ST-2 Datasheet
86Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
logo
Vishay Siliconix
ST-32 VISHAY-ST-32 Datasheet
383Kb / 7P
   Surface Mount Cermet Trimmers (single turn)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com