Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD2P40TM Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FQD2P40TM
Szczegółowy opis  P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2P40TM Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FQD2P40TM Datasheet HTML 1Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 2Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 3Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 4Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 5Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 6Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 7Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2008 Fairchild Semiconductor Corporation
FQD2P40 Rev. C0
www.fairchildsemi.com
4
Typical Characteristics (Continued)
10
-5
10
-4
10
0
10
1
10
-1
10
0
※ N o te s :
1 . Z
θ JC (t ) = 3 . 2 9
℃ /W M a x .
2 . D u ty F a c
D
t o r ,
= t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t )
s in g le p u ls e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
10
-3
10
-2
10
-1
t
1 , S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
25
50
75
100
125
150
0.0
0.3
0.6
0.9
1.2
1.5
1.8
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
※ Notes :
1. V
GS = -10 V
2. I
D = -1.0 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D = -250
μA
T
J, Junction Temperature [
o
C]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Podobny numer części - FQD2P40TM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
More results

Podobny opis - FQD2P40TM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
   P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
   P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
   P-Channel QFET MOSFET
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQT2P25TF FAIRCHILD-FQT2P25TF Datasheet
986Kb / 8P
   P-Channel QFET MOSFET
FQD17P06 FAIRCHILD-FQD17P06_13 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com