Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD2P40TM Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FQD2P40TM
Szczegółowy opis  P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2P40TM Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FQD2P40TM Datasheet HTML 1Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 2Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 3Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 4Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 5Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 6Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 7Page - Fairchild Semiconductor FQD2P40TM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package Marking and Ordering Information
©2008 Fairchild Semiconductor Corporation
FQD2P40 Rev. C0
www.fairchildsemi.com
2
Electrical Characteristics T
C = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQD2P40
FQD2P40TM
D-PAK
330 mm
16 mm
2500 units
Packing Method
Tape and Reel
(Note 4)
(Note 4)
Symbol
Parameter
Test Conditions
Min
.
Typ
.
Max
.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
-400
--
--
V
∆BVDSS
/ ∆TJ
Breakdown Voltage Temperature
Coefficient
ID = -250 µA, Referenced to 25°C
--
-
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -400 V, VGS = 0 V
--
--
-1
µA
VDS = -320 V, TC = 125°C
--
--
-10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = -30 V, VDS = 0 V
--
--
-100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = 30 V, VDS = 0 V
--
--
100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-3.0
--
-5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = -10 V, ID = -0.78 A
--
5.0
6.5
gFS
Forward Transconductance
VDS = -50 V, ID = -0.78 A
--
1.26
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = -25 V, VGS = 0 V,
f = 1.0 MHz
--
270
350
pF
Coss
Output Capacitance
--
45
60
pF
Crss
Reverse Transfer Capacitance
--
6.5
8.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = -200 V, ID = -2.0 A,
RG = 25 Ω
--
9
30
ns
tr
Turn-On Rise Time
--
33
75
ns
td(off)
Turn-Off Delay Time
--
22
55
ns
tf
Turn-Off Fall Time
--
25
60
ns
Qg
Total Gate Charge
VDS = -320 V, ID = -2.0 A,
VGS = -10 V
--
10
13
nC
Qgs
Gate-Source Charge
--
2.1
--
nC
Qgd
Gate-Drain Charge
--
5.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
-1.56
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
-6.24
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = -1.56 A
--
--
-5.0
V
trr
Reverse Recovery Time
VGS = 0 V, IS = -2.0 A,
dIF / dt = 100 A/µs
--
250
--
ns
Qrr
Reverse Recovery Charge
--
0.85
--
µC
Notes:
1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 86 mH, IAS = -1.56 A, VDD = -50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ -2.0 A, di/dt ≤ 200 A/µs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.


Podobny numer części - FQD2P40TM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
More results

Podobny opis - FQD2P40TM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQD5P10TM FAIRCHILD-FQD5P10TM Datasheet
527Kb / 8P
   P-Channel QFET MOSFET -100 V, -3.6 A, 1.05?
FQT3P20TF FAIRCHILD-FQT3P20TF Datasheet
1Mb / 8P
   P-Channel QFET MOSFET -200 V, -0.67 A, 2.7
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
   P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
   P-Channel QFET MOSFET
FQB1P50TM FAIRCHILD-FQB1P50TM Datasheet
726Kb / 9P
   P-Channel QFET MOSFET - 500 V, - 1.5 A, 10.5 Ohm
FQT2P25TF FAIRCHILD-FQT2P25TF Datasheet
986Kb / 8P
   P-Channel QFET MOSFET
FQD17P06 FAIRCHILD-FQD17P06_13 Datasheet
892Kb / 9P
   P-Channel QFET MOSFET
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com