Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N016MD9S Arkusz danych(PDF) 1 Page - Dielectric Laboratories, Inc.

Numer części N016MD9S
Szczegółowy opis  1575 MHz GPS Notch Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DILABS [Dielectric Laboratories, Inc.]
Strona internetowa  http://www.dilabs.com/
Logo DILABS - Dielectric Laboratories, Inc.

N016MD9S Arkusz danych(HTML) 1 Page - Dielectric Laboratories, Inc.

  N016MD9S Datasheet HTML 1Page - Dielectric Laboratories, Inc. N016MD9S Datasheet HTML 2Page - Dielectric Laboratories, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1575 MHz
GPS Notch Filter
DLI
– The Global Leader In High Frequency Solutions
dilabs.com
® Copyright CMP 2010
-40
-35
-30
-25
-20
-15
-10
-5
0
1200
1250
1300
1350
1400
1450
1500
1550
1600
1650
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
Features
I Low loss in passband region
I Small size
I Includes integral metal cover
I Temperature stable
Description
I Surface mount, thin film filter on high dielectric constant ceramic.
I Filter Material: DLI's proprietary CF ceramic [K=23].
I Cover Material: 430 Stainless Steel, annealed.
Electrical Specifications
Parameter
Frequency (MHz)
Typical @ 25°C
Insertion Loss
700-1300; 1800-3000
1.5 dB
Return Loss
700-1300; 1800-3000
12 dB
Attenuation
1570-1580
20 dB
Frequency Response
Typical Data -13 Samples


Podobny numer części - N016MD9S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Heyco.
N010 HEYCO-N010 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N010-007-GY TRIPPLITE-N010-007-GY Datasheet
157Kb / 2P
   Cat5e 350MHz Molded Cross-over Patch Cable (RJ45 M/M) - Gray, 7-ft.
N010-010-GY TRIPPLITE-N010-010-GY Datasheet
481Kb / 4P
   Cat5e 350MHz Molded Cross-over Patch Cable (RJ45 M/M) - Gray, 10-ft.
N010-010-RD TRIPPLITE-N010-010-RD Datasheet
164Kb / 2P
   Cat5e 350MHz Molded Cross-over Patch Cable (RJ45 M/M) - Red, 10-ft.
N010-010-YW TRIPPLITE-N010-010-YW Datasheet
159Kb / 2P
   Cat5e 350MHz Molded Cross-over Patch Cable (RJ45 M/M) - Yellow, 10-ft.
More results

Podobny opis - N016MD9S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dielectric Laboratories...
AFL04212 DILABS-AFL04212 Datasheet
575Kb / 2P
   1575 MHz GPS Notch Filter
logo
Johanson Technology Inc...
1575AM55B0001 JOHANSON-1575AM55B0001 Datasheet
302Kb / 5P
   1575 MHz GPS Antenna
logo
EPCOS
B69740U1577A250 EPCOS-B69740U1577A250 Datasheet
333Kb / 4P
   Antenna for GPS 1575 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1021A TAI-SAW-TA1021A Datasheet
327Kb / 7P
   SAW Filter 1575 MHz
logo
RF Monolithics, Inc
SF1186B-4 RFM-SF1186B-4 Datasheet
144Kb / 4P
   1575 MHz SAW Filter
logo
Dielectric Laboratories...
B016MD5S DILABS-B016MD5S Datasheet
644Kb / 2P
   1575 MHz Bandpass Filter
logo
TriQuint Semiconductor
880404 TRIQUINT-880404_15 Datasheet
113Kb / 5P
   1575 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1318A TAI-SAW-TA1318A Datasheet
456Kb / 6P
   SAW Filter 1575 MHz
logo
TriQuint Semiconductor
880273 TRIQUINT-880273_15 Datasheet
181Kb / 5P
   1575 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1190A TAI-SAW-TA1190A Datasheet
371Kb / 8P
   SAW Filter 1575 MHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com