Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E100 Arkusz danych(PDF) 10 Page - Gilway Technical Lamp

Numer części E100
Szczegółowy opis  Miniature LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GILWAY [Gilway Technical Lamp]
Strona internetowa  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E100 Arkusz danych(HTML) 10 Page - Gilway Technical Lamp

Back Button E100 Datasheet HTML 6Page - Gilway Technical Lamp E100 Datasheet HTML 7Page - Gilway Technical Lamp E100 Datasheet HTML 8Page - Gilway Technical Lamp E100 Datasheet HTML 9Page - Gilway Technical Lamp E100 Datasheet HTML 10Page - Gilway Technical Lamp E100 Datasheet HTML 11Page - Gilway Technical Lamp E100 Datasheet HTML 12Page - Gilway Technical Lamp E100 Datasheet HTML 13Page - Gilway Technical Lamp E100 Datasheet HTML 14Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1 and T-1¾ ,Ultra Bright, Red GaAlAs LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E169
T-1
Clear
360mcd
500mcd
50°
1.85V
2.50V
660nm
A
2
E170
T-1
Clear
500mcd
700mcd
50°
1.85V
2.50V
660nm
A
3
E171
T-1
Clear
700mcd
1000mcd
50°
1.85V
2.50V
660nm
A
4
E197
T-1
Clear
1200mcd
1400mcd
50°
1.85V
2.50V
660nm
A
5
E181
T-1¾
Clear
500mcd
1000mcd
30°
1.85V
2.5V
660nm
B
6
E183
T-1¾
Clear
1300mcd
1600mcd
30°
1.85V
2.5V
660nm
B
7
E184
T-1¾
Clear
2000mcd
3500mcd
30°
1.85V
2.5V
660nm
B
8
E301
T-1¾
Diffused
110mcd
200mcd
60°
1.85V
2.5V
660nm
B
9
E303
T-1¾
Diffused
200mcd
300mcd
60°
1.85V
2.5V
660nm
B
10
E304
T-1¾
Diffused
300mcd
500mcd
60°
1.85V
2.5V
660nm
B
RED
RED
RED
RED
RED
RED
RED
RED
RED
RED
A
1MAX
1
.5
1.5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
B
D
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
C
T-1 and T-1¾, Ultra Bright, Orange InGaAlP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
11
E199
T-1
Orange
500mcd 1600mcd
50°
1.8V
2.3V
620nm
C
Translucent
12
E194
T-1¾
Orange
700mcd 3000mcd
30°
1.8V
2.3V
620nm
D
Translucent
ORANGE
ORANGE
F
E
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
T-1 and T-1¾, Ultra Bright , Yellow InGaAlP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
13
E198
T-1
Yellow
300mcd
1000mcd
50°
2.0V
2.5V
595nm
E
Translucent
14
E195
T-1¾
Yellow
400mcd
1600mcd
30°
2.0V
2.5V
595nm
F
Translucent
YELLOW
YELLOW
64


Podobny numer części - E100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
E100 MPD-E100 Datasheet
160Kb / 2P
   Isolated, Single Output Miniature, 1W SIP DC/DC Converters
logo
List of Unclassifed Man...
E100 ETC2-E100 Datasheet
313Kb / 5P
   Industrial Control Transformers
logo
Shanghai Leiditech Elec...
E100 LEIDITECH-E100 Datasheet
186Kb / 1P
   Portable Ethernet lightning protection device
logo
Ferroxcube Internationa...
E100-3C90 FERROXCUBE-E100-3C90 Datasheet
43Kb / 3P
   E cores and accessories
E100-3C92 FERROXCUBE-E100-3C92 Datasheet
43Kb / 3P
   E cores and accessories
More results

Podobny opis - E100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SEC1005 SANKEN-SEC1005 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
SEC1007 SANKEN-SEC1007 Datasheet
440Kb / 2P
   1.6 횞 0.8 Miniature Surface Mount LEDs
logo
Agilent(Hewlett-Packard...
HSMF-C165 HP-HSMF-C165 Datasheet
200Kb / 8P
   Miniature Bi-Color Surface Mount Chip LEDs
logo
List of Unclassifed Man...
BA93 ETC-BA93 Datasheet
40Kb / 1P
   MINIATURE BAYONET 9MM T1 3/4 THREE CLUSTER ULTRA BRIGHT LEDS
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H Datasheet
52Kb / 2P
   12 AMP MINIATURE MINIATURE
logo
Tyco Electronics
OMI-SH-205D MACOM-OMI-SH-205D Datasheet
113Kb / 2P
   2 Pole Miniature 2 Pole Miniature
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com