Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB20N6S2D Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FGB20N6S2D
Szczegółowy opis  600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB20N6S2D Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  FGB20N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A1
Figure 25. IGBT Normalized Transient Thermal Impedance, Junction to Case
Typical Performance Curves (Continued)
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
101
10-4
0.10
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
SINGLE PULSE
0.50
0.20
0.05
0.02
0.01
Test Circuit and Waveforms
Figure 26. Inductive Switching Test Circuit
Figure 27. Switching Test Waveforms
RG = 25Ω
L = 500
µH
VDD = 390V
+
-
FGH20N6S2D
DIODE TA49469
FGH20N6S2D
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON2


Podobny numer części - FGB20N6S2D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGB20N6S2D FAIRCHILD-FGB20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Podobny opis - FGB20N6S2D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com