Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FGB20N6S2D Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FGB20N6S2D
Szczegółowy opis  600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB20N6S2D Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

  FGB20N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A1
Handling Precautions for IGBTs
Insulated Gate Bipolar Transistors are susceptible to
gate-insulation damage by the electrostatic discharge
of energy through the devices. When handling these
devices, care should be exercised to assure that the
static charge built in the handler’s body capacitance
is not discharged through the device. With proper
handling and application procedures, however,
IGBTs are currently being extensively used in
production by numerous equipment manufacturers in
military, industrial and consumer applications, with
virtually no damage problems due to electrostatic
discharge. IGBTs can be handled safely if the
following basic precautions are taken:
1. Prior to assembly into a circuit, all leads should be
kept shorted together either by the use of metal
shorting springs or by the insertion into conduc-
tive material such as “ECCOSORBD™ LD26” or
equivalent.
2. When devices are removed by hand from their
carriers, the hand being used should be grounded
by any suitable means - for example, with a
metallic wristband.
3. Tips of soldering irons should be grounded.
4. Devices should never be inserted into or removed
from circuits with power on.
5. Gate Voltage Rating - Never exceed the gate-
voltage rating of VGEM. Exceeding the rated VGE
can result in permanent damage to the oxide layer
in the gate region.
6. Gate Termination - The gates of these devices
are essentially capacitors. Circuits that leave the
gate open-circuited or floating should be avoided.
These conditions can result in turn-on of the
device due to voltage buildup on the input
capacitor due to leakage currents or pickup.
7. Gate Protection - These devices do not have an
internal monolithic Zener diode from gate to
emitter. If gate protection is required an external
Zener is recommended.
Operating Frequency Information
Operating frequency information for a typical device
(Figure 3) is presented as a guide for estimating
device performance for a specific application. Other
typical frequency vs collector current (ICE) plots are
possible using the information shown for a typical unit
in Figures 5, 6, 7, 8, 9 and 11. The operating
frequency plot (Figure 3) of a typical device shows
fMAX1 or fMAX2; whichever is smaller at each point.
The information is based on measurements of a
typical device and is bounded by the maximum rated
junction temperature.
fMAX1 is defined by fMAX1 = 0.05/(td(OFF)I+ td(ON)I).
Deadtime (the denominator) has been arbitrarily held
to 10% of the on-state time for a 50% duty factor.
Other definitions are possible. td(OFF)I and td(ON)I are
defined in Figure 27. Device turn-off delay can
establish an additional frequency limiting condition for
an application other than TJM. td(OFF)I is important
when controlling output ripple under a lightly loaded
condition.
fMAX2 is defined by fMAX2 = (PD - PC)/(EOFF + EON2).
The allowable dissipation (PD) is defined by
PD =(TJM -TC)/RθJC. The sum of device switching
and conduction losses must not exceed PD. A 50%
duty factor was used (Figure 3) and the conduction
losses (PC) are approximated by PC =(VCE xICE)/2.
EON2 and EOFF are defined in the switching
waveforms shown in Figure 27. EON2 is the integral of
the instantaneous power loss (ICE x VCE) during turn-
on and EOFF is the integral of the instantaneous
power loss (ICE xVCE) during turn-off. All tail losses
are included in the calculation for EOFF; i.e., the
collector current equals zero (ICE = 0)
ECCOSORBD
 is a Trademark of Emerson and Cumming, Inc.


Podobny numer części - FGB20N6S2D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGB20N6S2D FAIRCHILD-FGB20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
More results

Podobny opis - FGB20N6S2D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH20N6S2D FAIRCHILD-FGH20N6S2D Datasheet
232Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com