Zakładka z wyszukiwarką danych komponentów |
|
KSD1588RTU Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
KSD1588RTU Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page ©2000 Fairchild Semiconductor International Rev. A, February 2000 NPN Epitaxial Silicon Transistor Absolute Maximum Ratings T C=25°C unless otherwise noted * PW ≤300µs, Duty Cycle≤10% Electrical Characteristics T C=25°C unless otherwise noted * Pulse Test: PW ≤350µs, Duty Cycle≤2% hFE1 Classification Symbol Parameter Value Units VCBO Collector-Base Voltage 100 V VCEO Collector-Emitter Voltage 60 V VEBO Emitter-Base Voltage 7 V IC Collector Current (DC) 7 A ICP *Collector Current (Pulse) 15 A IB Base Current 3.5 A PC Collector Dissipation (Ta=25°C) 2 W PC Collector Dissipation (TC=25°C) 30 W TJ Junction Temperature 150 °C TSTG Storage Temperature -55 ~ 150 °C Symbol Parameter Test Condition Min. Max. Units ICBO Collector Cut-off Current VCB = 80V, IE = 0 10 µA IEBO Emitter Cut-off Current VEB = 5V, IC = 0 10 µA h FE1 hFE2 *DC Current Gain VCE = 1V, IC = 3A VCE = 1V, IC = 5A 40 20 200 VCE(sat) *Collector-Emitter Saturation Voltage IC = 5A, IB = 0.5A 0.5 V VBE(sat) *Base-Emitter Saturation Voltage IC = 5A, IB = 0.5A 1.5 V Classification R O Y hFE1 40 ~ 80 80 ~ 120 100 ~ 200 KSD1588 Low Frequency Power Amplifier • Low Speed Switching • Complement to KSB1097 1 1.Base 2.Collector 3.Emitter TO-220F |
Podobny numer części - KSD1588RTU |
|
Podobny opis - KSD1588RTU |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |