Zakładka z wyszukiwarką danych komponentów |
|
D050909NXT Arkusz danych(PDF) 4 Page - Microdc power Technology Co., Ltd |
|
D050909NXT Arkusz danych(HTML) 4 Page - Microdc power Technology Co., Ltd |
4 / 4 page 2 2D- D-N NXT XT Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 4 of 4 Microdc Professional Power Module,Inc. Tel:0086-20-86000646 E-mail:tech@microdc.cn Website:http://www.microdc.cn RoHS COMPLIANT INFORMATION This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are backward compatible with Sn/Pb soldering systems. REACH COMPLIANT INFORMATION This series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. DESIGN DESIGN CONSIDERATIONS CONSIDERATIONS 1) Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load.If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company products with a lower rated output power (D-NXT). 2) Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. Input Fuse Selection Guide 3) Recommended circuit If you want to further decrease the input/output ripple , a capacitor filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 2). It should also be noted that the capacitance of filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1). It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output. 4) Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear regulator and an capacitor filtering network with overheat protection that is connected to the input or output end in series (Figure 3), the recommended capacitance of its filter capacitor sees (Table 1), linear regulator based on the actual voltage and current to required. 5) Cannot use in parallel and hot swap Note: 1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed. 2. Max. Capacitive Load tested at nominal input voltage, full load and constant resistive load. 3. All specifications measured at Ta=25℃, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. In this datasheet, all the test methods of indications are based on our corporate standards. 5. All characteristics are for listed model only, non-standard models may perform differently, please contact our technical person for more detail. 6. Contact us for your specific requirement. 7. Specifications subject to change without prior notice. |
Podobny numer części - D050909NXT |
|
Podobny opis - D050909NXT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |