Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D050503XNS Arkusz danych(PDF) 4 Page - Microdc power Technology Co., Ltd

Numer części D050503XNS
Szczegółowy opis  Isolated 1W Twin Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D050503XNS Arkusz danych(HTML) 4 Page - Microdc power Technology Co., Ltd

  D050503XNS Datasheet HTML 1Page - Microdc power Technology Co., Ltd D050503XNS Datasheet HTML 2Page - Microdc power Technology Co., Ltd D050503XNS Datasheet HTML 3Page - Microdc power Technology Co., Ltd D050503XNS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
D-X
-XNS&D
NS&D-X
-XND
ND S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
PACKAGE
PACKAGE SPECIFICATIONS
SPECIFICATIONS
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIP
DIP package
package
SIP
SIP package
package
All dimensions in inches ±0.01(mm±0.25mm).All pins on a 0.1(2.54) pitch and within ±0.01(0.25)of true position.
PIN
PIN CONNECTIONS
CONNECTIONS
PIN
PIN CONNECTIONS-
CONNECTIONS-14
14 PIN
PIND
DIP
IP
pin
Function
1
1
GND
GND
7
7
NC
NC
8
8
+VOUT2
+VOUT2
9
9
-VOUT2
-VOUT2
10
10
+VOUT1
+VOUT1
11
11
-VOUT1
-VOUT1
14
14
+VIN
+VIN
PIN
PIN CONNECTIONS-7
CONNECTIONS-7 PIN
PIN SIP
SIP
pin
Function
1
1
+VIN
+VIN
2
2
GND
GND
4
4
-VOUT1
-VOUT1
5
5
+VOUT1
+VOUT1
6
6
-VOUT2
-VOUT2
7
7
+VOUT2
+VOUT2
NC - Not available for electrical connection.
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT DETAILS
DETAILS
14 Pin DIP Package
7 Pin SIP Package
Unless otherwise stated all dimensions in inches ±0.01(mm ±0.25mm).
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
14 Pin DIP Tube
7 Pin SIP Tube
Unless otherwise stated all dimensions in inches ±0.02(mm ±0.5mm).
Tube length (14 Pin DIP) : 20.47 (520mm ±2mm).
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
Tube Quantity :25
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646 E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that the use of its
products in the circuits described herein, or the use of other technical information
contained herein, will not infringe upon existing or future patent rights. Specifications
are subject to change without notice.
2010 Microdc Professional Power Module, Inc. Guangzhou
RoHS COMPLIANT INFORMATION
This series is compatible with RoHS soldering systems with a peak wave
solder temperature of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over
Nickel Preplate. Both types in this series are backward compatible with
Sn/Pb soldering systems.
REACH COMPLIANT INFORMATION
This series has proven that this product does not contain harmful
chemicals, it also has harmful chemical substances through the
registration, inspection and approval.


Podobny numer części - D050503XNS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
D050503XNM MICRODC-D050503XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
More results

Podobny opis - D050503XNS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&D Technologies
NMD CANDD-NMD Datasheet
116Kb / 2P
   Isolated 1W Twin Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Microdc power Technolog...
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D-XS-1W MICRODC-D-XS-1W Datasheet
937Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Toppower Electronic Tec...
TPD TOPPOWER-TPD Datasheet
189Kb / 3P
   1W Isolated Twin Output DC/DC Converters
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
   1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
Toppower Electronic Tec...
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
   0.5W Isolated Twin Output DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com