Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E0515XSR Arkusz danych(PDF) 1 Page - Microdc power Technology Co., Ltd

Numer części E0515XSR
Szczegółowy opis  FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

E0515XSR Arkusz danych(HTML) 1 Page - Microdc power Technology Co., Ltd

  E0515XSR Datasheet HTML 1Page - Microdc power Technology Co., Ltd E0515XSR Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E
E-X
-XSR
SR S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
SELECTION
SELECTION GUIDE
GUIDE
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current(MA)
Nominal
Range
Max
Min
E0505XSR
5
4.75-5.25
±5
±100
±10
69
83
E0509XSR
5
4.75-5.25
±9
±56
±6
61
83
E0512XSR
5
4.75-5.25
±12
±42
±5
62
83
E0515XSR
5
4.75-5.25
±
15
±33
±4
64
250
E1205XSR
12
11.4-12.6
±
5
±100
±10
72
100
E1209XSR
12
11.4-12.6
±
9
±56
±6
61
83
E1212XSR
12
11.4-12.6
±
12
±42
±5
63
83
E1215XSR
12
11.4-12.6
±
15
±33
±4
64
83
E2405XSR
24
22.8-25.2
±
5
±100
±10
72
83
E2409XSR
24
22.8-25.2
±
9
±56
±6
60
83
E2412XSR
24
22.8-25.2
±
12
±42
±5
63
83
E2415XSR
24
22.8-25.2
±
15
±33
±4
64
300
NOTICE:add Suffix “P” for Continuous Short Circuit Protection, e.g. E0505XSRRP
MODEL
MODEL SELECTION
SELECTION
E
E
05
05
05
05
X
X
S
S
R
R
Product Series
Input Voltage
Output Voltage
Fixed Input
SIP Package
Regulated output
MICRODC R ESERVES THE COPYRIGHT
FIXED INPUT,ISOLATED&REGULATED Dual Output DC/DC Converter
FEATURES
FEATURES
RoHS compliant
Efficiency up to 86%
SIP10 Package
Wide temperature performance at full
1 Watt load,-40°C to 85°C
UL 94V-0 package material
No heat sink required
Low ripple and good EMC Features
Industry standard pin out
Power sharing on output
3KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
Good dynamic feature
APPLICATIONS
APPLICATIONS
The E-XSR series are specially designed for
applications where a group of polar power
supplies are isolated from the input power
supply in a distributed power supply system on
a circuit board.
These products apply to:
1) where the voltage of the input power supply
is fixed (voltage variation ≤±5%);
2) where isolation is necessary between input
and output (isolation voltage ≤3000VDC);
3) where the regulation of the output voltage
and the output ripple noise are demanded.
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max.
Units
Output power
0.1
1
W
Line regulation
For Vin change of ±5%
±0.25
%
Load regulation
10% to 100% full load
±1
%
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/°C
Output Ripple*
20MHz Bandwidth
10
20
MV p-p
Output Noise*
20MHz Bandwidth
50
100
MV p-p
Switching frequency
Full load,nominal input
100
Khz
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at Viso=500VDC
1000


Podobny numer części - E0515XSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
E0515XS MICRODC-E0515XS Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
More results

Podobny opis - E0515XSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
IE-XS-2W MICRODC-IE-XS-2W Datasheet
719Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
2E-XSR MICRODC-2E-XSR Datasheet
401Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
IE-XS-1W MICRODC-IE-XS-1W Datasheet
680Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0505S-1W5 MORNSUN-IA0505S-1W5 Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
IA0512WS-1W5 MORNSUN-IA0512WS-1W5 Datasheet
241Kb / 2P
   1.5W, FIXED INPUT, ISOLATED& REGULATED DUAL OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
F-XSR MICRODC-F-XSR Datasheet
455Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
IB-XLS-1W MICRODC-IB-XLS-1W Datasheet
653Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB-XS-2W MICRODC-IB-XS-2W Datasheet
631Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
IB0505XS-2W MICRODC-IB0505XS-2W Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED®ULATED Single Output DC/DC Converter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com