Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E0505XS Arkusz danych(PDF) 2 Page - Microdc power Technology Co., Ltd

Numer części E0505XS
Szczegółowy opis  Isolated 1W Dual Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

E0505XS Arkusz danych(HTML) 2 Page - Microdc power Technology Co., Ltd

  E0505XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd E0505XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd E0505XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd E0505XS Datasheet HTML 4Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E
E-X
-X(S)D&F
(S)D&F-X
-X(S)D
(S)D S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 4
OUTPUT
OUTPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power1
TA=-40℃ to 120℃
0.1
1
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High Vin to low Vin
1.0
1.2
%%
INPUT
INPUT CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation,5V input types
4.5
5
5.5
V
Continuous operation,12V input types
10.8
12
13.2
V
Continuous operation,15V input types
13.5
15
16.5
V
Reflected ripple current
20
40
MA p-p
ISOLATION
ISOLATION CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 minute
3000
VDC
Resistance
Viso=1000VDC
10
TEMPERATURE
TEMPERATURE CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
°C
Storage
-50
125
°C
Case Temperature above
ambient
5V output types
28
°C
All other output types
25
°C
TEMPERATURE
TEMPERATURE DERATING
DERATING GRAPH
GRAPH
TOLERANCE
TOLERANCE ENVELOPE
ENVELOPE
1.See derating graph.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.Another 24V& 48V products, please inquire Our technical department!
GENERAL
GENERAL CHARACTERISTICS
CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
5V input types
120
135
kHz
12V input types
150
170
kHz
15V input types
90
110
kHz


Podobny numer części - E0505XS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
E0505XSR MICRODC-E0505XSR Datasheet
389Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converter
More results

Podobny opis - E0505XS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
H-XS-1W MICRODC-H-XS-1W Datasheet
857Kb / 4P
   Isolated 1W Single&Dual Output DC/DC Converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPE1-3KVDC TOPPOWER-TPE1-3KVDC Datasheet
188Kb / 3P
   1W Isolated Single Output DC/DC Converters
logo
Murata Power Solutions ...
MEV1 MURATA-PS-MEV1 Datasheet
274Kb / 10P
   3kVDC Isolated 1W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
   Isolated 1W Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com