Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF2200 Arkusz danych(PDF) 1 Page - Marl International Limited

Numer części LF2200
Szczegółowy opis  AC to DC LED Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARL [Marl International Limited]
Strona internetowa  http://www.leds.co.uk
Logo MARL - Marl International Limited

LF2200 Arkusz danych(HTML) 1 Page - Marl International Limited

  LF2200 Datasheet HTML 1Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED Driver
Preliminary
AC to DC LED Power Supply ,W / Dimming 200 Watts -
LF2200 Series
Features :
Universal Input Voltage 90~305Vac .
Available Two Various Constant Current Output.
Compatible with 1 ~ 10Vdc Dimming Controller .
Waterproof Design Use for Dry, Damp,Wet Location,IP67
RoHS Compliant
UL8750,cUL,FCC CE(EN55015,EN61347)
Five Years Warranty
Specifications :
AC Input Range : 90~305Vac / 3A ~ 1.0A / 47~63Hz
Turn-on/off delay time < 1 sec. at 115Vac ~ 305Vac
Input Inrush Current : <35A/115Vac,<70A/230Vac at cold start
Operation Temp. : -40
℃ ~ +50℃ , Tc : 80℃
Leakage Current :<0.75mA / 230Vac ,Surge Immunity Test :6KVac
Storage Temp. : -40
℃ ~ +85℃,10~95%RH
PFC >0.92,THD <20% : Input 90Vac ~ 277Vac at 70% loading up
MTBF(@50
℃) : >100,000 Hours,MIL-217F
THD <20%,PFC >0.93 : Input 90Vac ~ 230Vac at 50% loading up
Warranty : 5 years ( Tc: < 80℃ )
Efficiency : >90% at 70~100% load at 115Vac ~ 305Vac .
Safety : UL8750(Class 1),CUL , FCC B
Protection : OCP,SCP,OTP(Tc:82℃)-Recovery,OVP-Shut down
CE ( EN55015 ,EN61547,EN61347,EN61000-3-2 class C )
Load Regulation (Constant Current ) : +/-5%
Case Dimension : 236(L),74(W),40(H)mm
DC Output Current Ripple/Noise : +/-10%
Weight: 1300 Grams typ.
Model Listing :
Max.
Output
Forward Voltage( Vf )
Output
Fc
100 ~ 286V
100W
Sc
100 ~ 286V
100W
Fc
50 ~ 160V
100W
Sc
50 ~ 160V
100W
Fc
100 ~ 286V
100W
Sc
50 ~ 160V
100W
Model Information:
2200 = Two DC Output , 100Watt / Per Output ,Max. 200Watts .
XXX = First Output Voltages ,YYY = Second Output Voltages.
FcSc = First Output and Second Output Constant Current number.
30= 300mA / 143~286Vdc
32= 320mA / 143~286Vdc
35= 350mA / 143~286Vdc
38= 380mA / 132~263Vdc
40= 400mA / 125~250Vdc
42= 420mA / 119~238Vdc
DM = (Optional or Blank) D = dimming CTL.(1~10Vdc),M = C (constant current)step mode. DM Output wire -
Gray(Dim-),Purple(Dim+),Yellow(10Vdc/400mA),10Vdc Output can connect 50 set parallel PSU.
Mechanical Drawing :
LF2200-286286-FcSc
Per Max.
Output
Model
200W
Constant Current Mode / Forward Voltage
300 ~ 550mA
300 ~ 550mA
Constant Current ( If )
200W
200W
(Example:LF2200-286160-3562(Output1:143~286V / 350mA,Output2: 80 ~160V/620mA).
LF2200-160160-FcSc
LF2200-286160-FcSc
LF2200-XXXYYY-FcSc-DC
620 ~ 1000mA
620 ~ 1000mA
300 ~ 550mA
620 ~ 1000mA
45= 450mA / 111~222Vdc
62= 620mA / 80~160Vdc
80= 800mA / 62~125Vdc
48= 480mA / 104~208Vdc
65= 650mA / 77~154Vdc
85= 850mA / 59~118Vdc
50= 500mA / 100 ~200Vdc
68= 680mA / 73~147Vdc
90= 900mA / 55~111Vdc
52= 520mA / 100 ~192Vdc
70= 700mA / 71~143Vdc
95= 950mA / 52~105Vdc
55= 550mA / 100~182Vdc
72= 720mA / 70~138Vdc
100=1000mA /50~100Vdc
75= 750mA / 67~134Vdc
www.magtechind.com, LF2200-SPEC-062411


Podobny numer części - LF2200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
LF2200-160160-FCSC ETC1-LF2200-160160-FCSC Datasheet
122Kb / 1P
   AC to DC LED Power Supply
LF2200-286160-FCSC ETC1-LF2200-286160-FCSC Datasheet
122Kb / 1P
   AC to DC LED Power Supply
LF2200-286286-FCSC ETC1-LF2200-286286-FCSC Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
Marl International Limi...
LF2200 MARL-LF2200_15 Datasheet
122Kb / 1P
   LED Driver
More results

Podobny opis - LF2200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
LSP10A248001 LINKCOM-LSP10A248001 Datasheet
75Kb / 1P
   AC TO DC LED POWER SUPPLY
logo
List of Unclassifed Man...
LF2200 ETC1-LF2200 Datasheet
122Kb / 1P
   AC to DC LED Power Supply
logo
LinkCom Manufacturing C...
LSP10A224001 LINKCOM-LSP10A224001 Datasheet
91Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A236001 LINKCOM-LSP10A236001 Datasheet
92Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP200212001-50 LINKCOM-LSP200212001-50 Datasheet
102Kb / 2P
   AC TO DC LED POWER SUPPLY
LSP400212001-50 LINKCOM-LSP400212001-50 Datasheet
119Kb / 2P
   AC TO DC LED POWER SUPPLY
BPCE030C112 LINKCOM-BPCE030C112 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
BPCE030C701 LINKCOM-BPCE030C701 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP10A212001 LINKCOM-LSP10A212001 Datasheet
56Kb / 1P
   AC TO DC LED POWER SUPPLY
LSP600212001-50 LINKCOM-LSP600212001-50 Datasheet
135Kb / 3P
   AC TO DC LED POWER SUPPLY
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com