Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV04E050T220- Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części MV04E050T220-
Szczegółowy opis  Multilayer Chip Varistor for Surge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MV04E050T220- Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  MV04E050T220- Datasheet HTML 1Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 2Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 3Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 4Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 5Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 6Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 7Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 8Page - List of Unclassifed Manufacturers MV04E050T220- Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Multilayer Chip Varistor for Surge and
ESD Protection
– E Type Series
Document No
TMVE-XXOS001C
Issued date
2012/02/13
Page
3/9
TA-I TECHNOLOGY CO., LTD
5. Rating and Characteristics
Part No.
Size
Maximum
Working Voltage
Maximum
Clamping Voltage
Leakage Current
Capacitance
Cap. Tolerance
(Unit)
(VDC )
(V)
(uA)
(pF)
(%)
MV04E050T101-
0402
5
30
< 1
100
±30%
MV04E050T560-
5
50
< 1
56
±30%
MV04E050T330-
5
50
< 1
33
±30%
MV04E050T220-
5
50
< 1
22
±30%
MV04E050T100-
5
50
< 1
10
±30%
MV04E050T050-
5
50
< 1
5
+80%/-20%
MV04E120T101-
12
50
< 1
100
±30%
MV04E120T330-
12
40
< 1
33
±30%
MV04E120T220-
12
40
< 1
22
±30%
MV04E120T100-
12
60
< 1
10
±30%
MV04E120T050-
12
80
< 1
5
+80%/-20%
MV04E240T3R0-
24
100
< 1
3
+80%/-20%
MV04E240T2R5-
24
198
< 1
2.5
+80%/-20%
MV04E240T0R8-
24
200
< 1
0.8
+80%/-20%
MV06E050T101-
0603
5
30
< 1
100
±30%
MV06E050T560-
5
50
< 1
56
±30%
MV06E050T330-
5
50
< 1
33
±30%
MV06E050T220-
5
50
< 1
22
±30%
MV06E050T100-
5
50
< 1
10
±30%
MV06E050T050-
5
50
< 1
5
+80%/-20%
MV06E120T101-
12
50
< 1
100
±30%
MV06E120T330-
12
40
< 1
33
±30%
MV06E120T220-
12
40
< 1
22
±30%
MV06E120T100-
12
60
< 1
10
±30%
MV06E120T050-
12
80
< 1
5
+80%/-20%
MV06E240T3R0-
24
240
< 1
3
+80%/-20%
MV06E240T2R5-
24
198
< 1
2.5
+80%/-20%
MV06E240T0R8-
24
200
< 1
0.8
+80%/-20%


Podobny numer części - MV04E050T220-

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L06T-120 ETC-MV04L06T-120 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L11T-180 ETC-MV04L11T-180 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L14T-240 ETC-MV04L14T-240 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results

Podobny opis - MV04E050T220-

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
   MULTILAYER CHIP VARISTOR
logo
RFE international
JMV0805S090T781 RFE-JMV0805S090T781 Datasheet
310Kb / 6P
   MULTILAYER CHIP VARISTOR JMV S & E Series: (SMD Surge Protection)
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-0805 ABRACON-AMCV-0805 Datasheet
1Mb / 3P
   SMD Multilayer Chip Varistor
11.30.12
AMCV-1210H ABRACON-AMCV-1210H Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-1210H-300-T ABRACON-AMCV-1210H-300-T Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.24.12
AMCV-0201 ABRACON-AMCV-0201 Datasheet
1Mb / 4P
   SMD Multilayer Chip Varistor
11.30.12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com