Zakładka z wyszukiwarką danych komponentów |
|
MV04L14T-240 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers |
|
MV04L14T-240 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 9 page Multilayer Chip Varistor for Surge and ESD Protection – L Type Series Document No TMVL-XXOS001D Issued date 2014/04/18 Page 8/9 TA-I TECHNOLOGY CO., LTD 8.7.1 Recommended Soldering Condition 1 (1) Solder: 0.12~0.18mm Thread solder (Sn96.5:Ag3.5) with soldering flux in the core. Rosin-based and non-activated flux is recommended. (2) Preheating: The Varistors shall be preheated so that Temperature Gradient between the devices and the tip of soldering iron is 150℃ or below. (3) Soldering Iron: Rated Power of 20W max with 3mm soldering tip in diameter. Temperature of soldering iron tip 380℃max,3-5sec ( The required amount of solder shall be melted in advance on the soldering tip.) (4) Cooling: After soldering. The Varistors shall be cooled gradually at room ambient temperature. 8.7.2 Recommended Soldering Condition 2(Without preheating) (1) Solder iron tip shall not directly touch to ceramic dielectrics. (2) Solder iron tip shall be fully preheated before soldering while soldering iron tip to the external electrode of Varistors. 8.8 Post Soldering Cleaning 8.8.1 Residues of corrosive soldering fluxes on the PC board after cleaning may greatly have influences on the electrical characteristic and the reliability (such as humidity resistance) of the Varistors which have been mounted on the board. It shall be confirmed that the characteristic and the reliability of the devices are not affected by the applied cleaning conditions 8.8.2 When an ultrasonic cleaning is applied to the mounted Varistors on PC Boards. Following conditions are recommended for preventing failures or damages of the devices due to the large vibration energy and the resonance caused by the ultrasonic waves. (1) Frequency 29MHz max (2) Radiated Power 20w/lithr max (3) Period 5minuets max 9. Operating and Storage condition of products 9.1 Operating Temperature:-50~85℃ 9.2 Storage Conditions: (1) Storage Temperature: -10℃~+40℃ (2) Relative humidity: ≦75%RH (3) Varistor must be kept away from sunlight and stored in a non-corrosive atmosphere. 9.3 Period of Storage: 1 year |
Podobny numer części - MV04L14T-240 |
|
Podobny opis - MV04L14T-240 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |