Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

E0505XT Arkusz danych(PDF) 3 Page - Microdc power Technology Co., Ltd

Numer części E0505XT
Szczegółowy opis  1W, FIXED INPUT, ISOLATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

E0505XT Arkusz danych(HTML) 3 Page - Microdc power Technology Co., Ltd

  E0505XT Datasheet HTML 1Page - Microdc power Technology Co., Ltd E0505XT Datasheet HTML 2Page - Microdc power Technology Co., Ltd E0505XT Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
F-XT
F-XT
E-XT
E-XT
Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
SOLDER
SOLDER PAD
PAD DIMENSION
DIMENSION
Dimensions in [mm], () = Inch
Pin pitch tolerances: ±0.13 (±0.005)
Other tolerances: ±0.25 (±0.01)
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
Pin
Single
Dual
1
-Vin(GND)
-Vin(GND)
2
+Vin
+Vin
3
No con.
No con.
5
-Vout
Common
6
No con.
-Vout
7
No con.
No con.
8
+Vout
+Vout
10
No con.
No con.
11
No con.
No con.
12
No con.
No con.
No con.=Pin to be isolated from circuitry
Specifcations can be changed any time without notice.
No parallel connection or plug and play.
Note:
1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
2. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
3. All specifications measured at Ta=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
4. In this datasheet, all the test methods of indications are based on corporate standards.
5. Only typical models listed, other models may be different, please contact our technical person for more details.
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
Note:
Unit:mm[inch]
Pin section tolerances:±0.10mm[±0.004inch]
General tolerances:±0.25mm[±0.010inch]
TUBE
TUBE OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
Unless otherwise stated all dimensions in mm±0.5 (inches ±0.02).
Tube length : 475±2.0 (18.70±0.07).
Tube Quantity :25


Podobny numer części - E0505XT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
E0505XT-1WAR2 MORNSUN-E0505XT-1WAR2 Datasheet
314Kb / 4P
   DC/DC Converter
E0505XT-1WAR2 MORNSUN-E0505XT-1WAR2 Datasheet
223Kb / 5P
   DC/DC Converter
E0505XT-1WR3 MORNSUN-E0505XT-1WR3 Datasheet
664Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
More results

Podobny opis - E0505XT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T16WE GAPTEC-1T16WE Datasheet
851Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Regulated
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7A GAPTEC-1S7A Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B-6U GAPTEC-1S7B-6U Datasheet
650Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T12A GAPTEC-1T12A Datasheet
746Kb / 3P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1D14C GAPTEC-1D14C Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7AE-1U GAPTEC-1S7AE-1U Datasheet
852Kb / 6P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com