Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP808 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części TLP808
Szczegółowy opis  8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  TLP808 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OVERVIEW
Intended Application
Home/Office
OUTPUT
Frequency compatibility
50 / 60 Hz
Output watts
1800
Circuit Breaker (amps)
15
Outlet quantity / type
8 NEMA 5-15R
Transformer accommodation
Supports 3 large transformer plug accessories without covering remaining outlets, accepts up to 6 transformers total
Outlet safety covers
Includes built-in sliding outlet safety covers
Outlet orientation
Single row of 5, plus a second row of 3 for transformer accommodation
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V (110-125V)
Input connection type
NEMA 5-15P
Input plug features
Space-saving right angle input plug
Input cord length (ft.)
8
Input cord length (m)
2.4
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
Maximum Surge Amps
84000
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position red illuminated on/off power switch
Diagnostic LEDs
Built-in LEDs confirm suppressor "protection present" (green) and "grounded" (red) status
SURGE / NOISE SUPPRESSION
AC suppression joule rating
1440
AC suppression response time
< 1 ns
Protection modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping voltage (RMS)
150
UL1449 let through rating
330 L-G, 400 L-N, 400 N-G
EMI / RFI filtering
Up to 40 dB
DATALINE SURGE SUPPRESSION
2 / 4


Podobny numer części - TLP808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
   8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
More results

Podobny opis - TLP808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
   8-Outlet, Protect It! Surge Suppressor
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
   7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
   7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
   7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
   6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com