Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP808 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części TLP808
Szczegółowy opis  8-outlet, 8-ft cord, 1440 joule - Protect It! Surge Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TLP808 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  TLP808 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLP808 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Shipping Dimensions (HWD/in)
12.4 x 5.11 x 4.03
Shipping Dimensions (HWD/cm)
31.50 x 12.98 x 10.24
Shipping weight (lbs)
2
Shipping weight (kg)
0.91
Unit Dimensions (HWD/in)
4.86 x 9.55 x 1.51
Unit Dimensions (HWD/cm)
12.34 x 24.26 x 3.84
Unit weight (lbs)
1.76
Unit weight (kg)
0.80
Material of construction
Plastic
Integrated keyhole mounting tabs
Keyhole mounting tabs enable wall mounting
Housing Color
Light Gray
Receptacle Color
Light Gray
AC line cord color
Light Gray
Style
Strip
Outlets center to center
measurement
Distance between standard outlets = 28.5mm; Distance between transformer outlets = 57mm
SPECIAL FEATURES
Right-Angle Plug
Yes
CERTIFICATIONS
UL1449 3rd Edition (AC
Suppression)
UL1449 3rd Edition
UL1363 (Power Tap)
UL1363
cUL / CSA (Canada)
cUL
Approvals
Exceeds IEEE 587 category A&B specifications
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$75,000 Ultimate Lifetime Insurance
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
3 / 4


Podobny numer części - TLP808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808NETG ETC2-TLP808NETG Datasheet
534Kb / 5P
   8 outlet, 8-ft cord, 2160 joules, 1-line tel/network protection Eco Energy-Saving Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
More results

Podobny opis - TLP808

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TLP808TELTV ETC2-TLP808TELTV Datasheet
514Kb / 5P
   8-outlet, 8-ft cord, 2160 joule, RJ11 and coaxial protection - Protect It! Surge Suppressor
TLP808TEL ETC2-TLP808TEL Datasheet
510Kb / 5P
   8-outlet, 8-ft cord, 2160 joule with modem/fax protection - Protect It! Surge Suppressor
SUPER7 ETC2-SUPER7 Datasheet
487Kb / 4P
   7 outlet, 7-ft cord, 2160 joule strip - Protect It! Surge Suppressor
TLP606 ETC2-TLP606 Datasheet
493Kb / 4P
   6-outlet, 6-ft cord, 790 joule strip - Protect It! Surge Suppressor
TLP604 ETC2-TLP604 Datasheet
496Kb / 4P
   6 outlet, 4-ft cord, 790 joule strip - Protect It! Surge Suppressor
SK6-6 ETC2-SK6-6 Datasheet
484Kb / 4P
   8-Outlet, Protect It! Surge Suppressor
STRIKER ETC2-STRIKER Datasheet
484Kb / 4P
   7 outlet, 6-ft cord, 1080 joule strip - Protect It! Surge Suppressor
TLP712B ETC2-TLP712B Datasheet
480Kb / 4P
   7 outlet, 12-ft cord, 1080 joule, black strip - Protect It! Surge Suppressor
SUPER7B ETC2-SUPER7B Datasheet
511Kb / 4P
   7 outlet, 7-ft cord, 2160 joule black strip - Protect It Surge Suppressor
TLP608 ETC2-TLP608 Datasheet
481Kb / 4P
   6-outlets, 8-ft cord, 990 joule strip, Flat Plug - Protect It! Surge Suppressor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com